Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-42375-0526 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # A-42375-0526
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-42375-0526 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  A-42375-0526 Datasheet HTML 1Page - Molex Electronics Ltd. A-42375-0526 Datasheet HTML 2Page - Molex Electronics Ltd. A-42375-0526 Datasheet HTML 3Page - Molex Electronics Ltd. A-42375-0526 Datasheet HTML 4Page - Molex Electronics Ltd. A-42375-0526 Datasheet HTML 5Page - Molex Electronics Ltd. A-42375-0526 Datasheet HTML 6Page - Molex Electronics Ltd. A-42375-0526 Datasheet HTML 7Page - Molex Electronics Ltd. A-42375-0526 Datasheet HTML 8Page - Molex Electronics Ltd. A-42375-0526 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-42375-0072/0106
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ABB228
PIN LENGTH: L
.455 / 11.56
MATING LENGTH: M
.240 / 6.09
GOLD POINT: G
.100 / 2.54
PC TAIL LENGTH: P
.125 / 3.18
TIN: T
.100 / 2.54
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-4026 A-42375-0072
20
22-28-4206 A-42375-0090
03
22-28-4036 A-42375-0073
21
22-28-4216 A-42375-0091
04
22-28-4046 A-42375-0074
22
22-28-4226 A-42375-0092
05
22-28-4056 A-42375-0075
23
22-28-4236 A-42375-0093
06
22-28-4066 A-42375-0076
24
22-28-4246 A-42375-0094
07
22-28-4076 A-42375-0077
25
22-28-4256 A-42375-0095
08
22-28-4086 A-42375-0078
26
22-28-4266 A-42375-0096
09
22-28-4096 A-42375-0079
27
22-28-4276 A-42375-0097
10
22-28-4106 A-42375-0080
28
22-28-4286 A-42375-0098
11
22-28-4116 A-42375-0081
29
22-28-4296 A-42375-0099
12
22-28-4126 A-42375-0082
30
22-28-4306 A-42375-0100
13
22-28-4136 A-42375-0083
31
22-28-4316 A-42375-0101
14
22-28-4146 A-42375-0084
32
22-28-4326 A-42375-0102
15
22-28-4156 A-42375-0085
33
22-28-4336 A-42375-0103
16
22-28-4166 A-42375-0086
34
22-28-4346 A-42375-0104
17
22-28-4176 A-42375-0087
35
22-28-4356 A-42375-0105
18
22-28-4186 A-42375-0088
36
22-28-4366 A-42375-0106
19
22-28-4196 A-42375-0089
ENG. NO: A-42375-0107/0141
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ATA154
PIN LENGTH: L
.530 / 13.46
MATING LENGTH: M
.320 / 8.13
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.120 / 3.05
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-4021
A-42375-0107
20
22-28-4201 A-42375-0125
03
22-28-4031
A-42375-0108
21
22-28-4211 A-42375-0126
04
22-28-4041
A-42375-0109
22
22-28-4221 A-42375-0127
05
22-28-4051
A-42375-0110
23
22-28-4231 A-42375-0128
06
22-28-4061
A-42375-0111
24
22-28-4241 A-42375-0129
07
22-28-4071
A-42375-0112
25
22-28-4251 A-42375-0130
08
22-28-4081
A-42375-0113
26
22-28-4261 A-42375-0131
09
22-28-4091
A-42375-0114
27
22-28-4271 A-42375-0132
10
22-28-4101
A-42375-0115
28
22-28-4281 A-42375-0133
11
22-28-4111
A-42375-0116
29
22-28-4291 A-42375-0134
12
22-28-4121
A-42375-0117
30
22-28-4301 A-42375-0135
13
22-28-4131
A-42375-0118
31
22-28-4311 A-42375-0136
14
22-28-4141
A-42375-0119
32
22-28-4321 A-42375-0137
15
22-28-4151
A-42375-0120
33
22-28-4331 A-42375-0138
16
22-28-4161
A-42375-0121
34
22-28-4341 A-42375-0139
17
22-28-4171
A-42375-0122
35
22-28-4351 A-42375-0140
18
22-28-4181
A-42375-0123
36
22-28-4361 A-42375-0141
19
22-28-4191
A-42375-0124


Similar Part No. - A-42375-0526

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-42375-0527 MOLEX2-A-42375-0527 Datasheet
526Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 2 Circuits, Tin (Sn) Plating, Mating Pin Length 7.49mm (.295), with Kinked PC Tails
A-42375-0528 MOLEX2-A-42375-0528 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 3 Circuits, Tin (Sn) Plating, Mating Pin Length 7.49mm (.295), with Kinked PC Tails
A-42375-0529 MOLEX2-A-42375-0529 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 4 Circuits, Tin (Sn) Plating, Mating Pin Length 7.49mm (.295), with Kinked PC Tails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com