Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41792-0021 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # A-41792-0021
Description  3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 4 Circuits, Gold (Au) Plating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-41792-0021 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  A-41792-0021 Datasheet HTML 1Page - Molex Electronics Ltd. A-41792-0021 Datasheet HTML 2Page - Molex Electronics Ltd. A-41792-0021 Datasheet HTML 3Page - Molex Electronics Ltd. A-41792-0021 Datasheet HTML 4Page - Molex Electronics Ltd. A-41792-0021 Datasheet HTML 5Page - Molex Electronics Ltd. A-41792-0021 Datasheet HTML 6Page - Molex Electronics Ltd. A-41792-0021 Datasheet HTML 7Page - Molex Electronics Ltd. A-41792-0021 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
41792
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2008-2821
H6
DATE:
6/23/2008
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK
RIGHT ANGLE W/O PEGS
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41792
GAVERILL
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41792-0460/0471
Group
A-41792-0472/0483
Group
A-41792-0484/0493
Group
A-41792-0579/0595
Header No:
41790-0007/0018
Header No:
41790-0007/0018
Header No:
41790-0009/0018
Header No:
41790-0002/0018
Pin No:
2161-37(102)
Pin No:
2161-37(102)
Pin No:
2161-37(102)
Pin No:
2161-37(154)
Plating:
102 – TIN
Plating:
102 – TIN
Plating:
102 – TIN
Plating:
154 – TIN
Pin Length L
27.94 / 1.100
Pin Length L
27.94 / 1.100
Pin Length L
27.94 / 1.100
Pin Length L
27.94 / 1.100
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Height
Y
5.41 / .213
Height
Y
5.41 / .213
Height
Y
5.41 / .213
Height
Y
5.41 / .213
PC Tail
P
3.96 / .156
PC Tail
P
3.96 / .156
PC Tail
P
3.96 / .156
PC Tail
P
3.96/ .156
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Voided Ckts
2, 7
Voided Ckts
4, 7
Voided Ckts
2, 5, 9
Voided Ckts
NONE
Pack Per
PK-41792-002
Pack Per
PK-41792-002
Pack Per
PK-41792-002
Pack Per
PK-41792-002
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
50-29-1904
A-41792-0579
3
50-29-1905
A-41792-0580
4
50-29-1906
A-41792-0581
5
50-29-1907
A-41792-0582
6
50-29-1908
A-41792-0583
7
41792-0460
A-41792-0460
A-41792-0472
50-29-1909
A-41792-0584
8
41792-0461
A-41792-0461
26-60-5087
A-41792-0473
50-29-1910
A-41792-0585
9
26-60-5096
A-41792-0462
A-41792-0474
A-41792-0484
50-29-1911
A-41792-0586
10
41792-0463
A-41792-0463
A-41792-0475
A-41792-0485
50-29-1912
A-41792-0587
11
41792-0464
A-41792-0464
A-41792-0476
A-41792-0486
50-29-1913
A-41792-0588
12
41792-0465
A-41792-0465
A-41792-0477
26-60-5128
A-41792-0487
50-29-1914
A-41792-0589
13
41792-0466
A-41792-0466
A-41792-0478
A-41792-0488
50-29-1915
A-41792-0590
14
41792-0467
A-41792-0467
A-41792-0479
A-41792-0489
50-29-1916
A-41792-0591
15
41792-0468
A-41792-0468
A-41792-0480
A-41792-0490
50-29-1917
A-41792-0592
16
41792-0469
A-41792-0469
A-41792-0481
A-41792-0491
50-29-1918
A-41792-0593
17
41792-0470
A-41792-0470
A-41792-0482
A-41792-0492
50-29-1919
A-41792-0594
18
41792-0471
A-41792-0471
A-41792-0483
A-41792-0493
50-29-1920
A-41792-0595


Similar Part No. - A-41792-0021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41792-0024 MOLEX3-A-41792-0024 Datasheet
214Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 7 Circuits, Gold (Au) Plating
A-41792-0027 MOLEX3-A-41792-0027 Datasheet
214Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 10 Circuits, Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com