Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA-70204-0390 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SDA-70204-0390
Description  2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 14 Circuits, Tn (Sn) Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

SDA-70204-0390 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SDA-70204-0390 Datasheet HTML 1Page - Molex Electronics Ltd. SDA-70204-0390 Datasheet HTML 2Page - Molex Electronics Ltd. SDA-70204-0390 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0025022014
Status:
Active
Description:
2.54mm (.100") Pitch C-Grid® Header, Dual Row, Shrouded, with PC Slot and Guide
Ear, 14 Circuits, Tn (Sn) Plating
Documents:
3D Model
Product Specification PS-70204 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70204
Application
Board-to-Board
Product Name
C-Grid®
Physical
Breakaway
No
Circuits (Loaded)
14
Circuits (maximum)
14
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Lock to Mating Part
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.110 In
PC Tail Length (mm)
2.79 mm
PCB Locator
No
PCB Retention
None
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
150
Plating min: Mating (µm)
3.81
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.81
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70204Series
Mates With
71973


Similar Part No. - SDA-70204-0390

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SDA-70204-0393 MOLEX3-SDA-70204-0393 Datasheet
234Kb / 3P
   2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 20 Circuits, Tn (Sn) Plating
SDA-70204-0396 MOLEX3-SDA-70204-0396 Datasheet
234Kb / 3P
   2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 26 Circuits, Tn (Sn) Plating
SDA-70204-0399 MOLEX3-SDA-70204-0399 Datasheet
234Kb / 3P
   2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 32 Circuits, Tn (Sn) Plating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com