Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA4A Datasheet(PDF) 2 Page - Rohm

Part # FMA4A
Description  General purpose (dual digital transistors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA4A Datasheet(HTML) 2 Page - Rohm

  FMA4A Datasheet HTML 1Page - Rohm FMA4A Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EMA4 / UMA4N / EMB4 / UMB4N / UMB8N /
Transistors
FMA4A / IMB4A / IMB8A
!
!
!
!
External dimensions (Units : mm)
Each lead has same dimensions
ROHM : EMT5
EMA4
UMA4N
Each lead has same dimensions
0.1Min.
2.1
1.25
ROHM : UMT5
EIAJ : SC-88A
EMA4A
Each lead has same dimensions
0.3to0.6
1.6
2.8
ROHM : SMT5
EIAJ : SC-74A
UMB4N / UMB8N
Each lead has same dimensions
ROHM : UMT6
EIAJ : SC-88
0.1Min.
2.1
1.25
IMB4A / IMB8A
Each lead has same dimensions
ROHM : SMT6
EIAJ : SC-74
0.3to0.6
2.8
1.6
Each lead has same dimensions
ROHM : EMT6
EMB4
1.2
1.6
(1)
(2)
(5)
(3)
(6)
(4)
1.2
1.6
(1)
(2)
(3)
(5)
(4)


Similar Part No. - FMA4A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA4A ROHM-FMA4A Datasheet
65Kb / 3P
   General purpose (dual digital transistors)
FMA4A ROHM-FMA4A Datasheet
571Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
FMA4A ROHM-FMA4A Datasheet
1Mb / 10P
   Emitter common Dual digital transistor
FMA4AT148 ROHM-FMA4AT148 Datasheet
571Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
More results

Similar Description - FMA4A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com