Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA4A Datasheet(PDF) 1 Page - Rohm

Part # FMA4A
Description  General purpose (dual digital transistors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA4A Datasheet(HTML) 1 Page - Rohm

  FMA4A Datasheet HTML 1Page - Rohm FMA4A Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EMA4 / UMA4N / EMB4 / UMB4N / UMB8N /
Transistors
FMA4A / IMB4A / IMB8A
General purpose (dual digital transistors)
EMA4 / UMA4N / EMB4 / UMB4N / UMB8N /
FMA4A / IMB4A / IMB8A
!
!
!
!
Features
1) Two DTA114T chips in a EMT or UMT or SMT package.
!
!
!
!
Equivalent circuit
EMA4 / UMA4N
R1
R1
(1)
(2)
(3)
(4)
(5)
EMB4 / UMB4N
(3)
(2)
(1)
(4)
(5)
(6)
R1
R1
UMB8N
(3)
(2)
(1)
(4) (5)
(6)
R1
R1
FMA4A
(3)
(2)
(1)
(4)
(5)
R1
R1
IMB4A
(5)
(4)
(6)
(3)
(2)
(1)
R1
R1
IMB8A
(4)
(5)
(6)
(3) (2)
(1)
R1
R1
!
!
!
!
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
Pd
Tj
Tstg
Limits
−50
−50
−5
−100
300(TOTAL)
150(TOTAL)
EMA4 / UMA4N / EMB4 / UMB4N / UMB8N
FMA4A / IMB4A / IMB8A
150
−55~+150
Unit
V
V
V
mA
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power
dissipation
Junction temperature
Storage temperature
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
∗1
∗2
!
!
!
!
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Transition frequency
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
−50
−50
−5
100
250
250
−0.5
−0.5
−0.3
600
V
V
V
µA
µA
V
MHz
R1
710
13
k
IC
=−50µA
IC
=−1mA
IE
=−50µA
VCB
=−50V
VEB
=−4V
VCE
=−10V, IE=5mA, f=100MHz
IC/IB
=−10mA/−1mA
VCE
=−5V, IC=−1mA
∗Transition frequency of the device.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Input resistance
!
!
!
!
Package, marking, and packaging specifications
Type
UMA4N
UMT5
A4
TR
3000
EMA4
EMT5
A4
T2R
8000
EMB4
EMT6
B4
T2R
8000
UMB8N
UMT6
B8
TR
3000
FMA4A
SMT5
A4
T148
3000
IMB4A
SMT6
B4
T110
3000
IMB8A
SMT6
B8
T108
3000
UMB4N
UMT6
B4
TN
3000
Package
Marking
Code
Basic ordering unit (pieces)


Similar Part No. - FMA4A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA4A ROHM-FMA4A Datasheet
65Kb / 3P
   General purpose (dual digital transistors)
FMA4A ROHM-FMA4A Datasheet
571Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
FMA4A ROHM-FMA4A Datasheet
1Mb / 10P
   Emitter common Dual digital transistor
FMA4AT148 ROHM-FMA4AT148 Datasheet
571Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
More results

Similar Description - FMA4A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com