Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE-3190-09A Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # AE-3190-09A
Description  3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 9 Circuits, Tin (Sn) Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

AE-3190-09A Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  AE-3190-09A Datasheet HTML 1Page - Molex Electronics Ltd. AE-3190-09A Datasheet HTML 2Page - Molex Electronics Ltd. AE-3190-09A Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
7A
Voltage - Maximum
250V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
319009A
Reference - Drawing Numbers
Product Specification
PS-99020-0087
Sales Drawing
SDAE-3190-N**
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - AE-3190-09A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AE-3190-04A MOLEX3-AE-3190-04A Datasheet
238Kb / 3P
   3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 4 Circuits, Tin (Sn) Plating
AE-3190-05A MOLEX3-AE-3190-05A Datasheet
238Kb / 3P
   3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 5 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com