Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTZ68E Datasheet(PDF) 1 Page - Rohm

Part # FTZ68E
Description  Zener diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FTZ68E Datasheet(HTML) 1 Page - Rohm

  FTZ68E Datasheet HTML 1Page - Rohm FTZ68E Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FTZ6.8E
Diodes
Zener diode
FTZ6.8E
!Applications
Noise suppression on single line
Constant voltage control
!Features
1) Small surface mounting type. (SMD5)
2) Multiple diodes with common anode configuration.
3) High reliability.
!Construction
Silicon epitaxial planar
!
!
!
!Circuit
!
!
!
!External dimensions
(Units : mm)
0
∼0.1
0.3
∼0.6
1.1
0.8±0.1
0.15
0.3
2.9±0.2
1.9±0.2
0.95 0.95
−0.1
+0.2
+0.1
−0.06
+0.1
−0.05
D 6 F
(All leads have the same dimensions.)
ROHM : SMD5
EIAJ : SC-74A
JEDEC :
!
!
!
!Absolute maximum ratings
(Ta=25
°C)
Parameter
Symbol
Limits
200
Unit
mW
Tj
125
˚C
Tstg
−55∼+125
˚C
P
Power dissipation∗
Junction temperature
Storage temperature
∗ Total of 4 elements
!
!
!
!Electrical characteristics
(Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VZ
IR
6.47
7.14
0.5
V
µA
IZ
=5mA
VR
=3.5V
Zz
−−
40
IZ
=5mA
ZZK
−−
60
IZ
=0.5mA
Zener voltage
Reverse current
Operating resistance
Rising operating resistance


Similar Part No. - FTZ68E

ManufacturerPart #DatasheetDescription
logo
Rohm
FTZ6.8E ROHM-FTZ6.8E Datasheet
65Kb / 3P
   Zener diode
FTZ6.8E ROHM-FTZ6.8E Datasheet
167Kb / 3P
   Zener diode
FTZ6.8E ROHM-FTZ6.8E Datasheet
331Kb / 6P
   Zener diode
FTZ6.8EFH ROHM-FTZ6.8EFH Datasheet
826Kb / 6P
   Zener diode
FTZ6.8E ROHM-FTZ6.8E_08 Datasheet
167Kb / 3P
   Zener diode
More results

Similar Description - FTZ68E

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com