Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KF2008-GK11A Datasheet(PDF) 1 Page - Rohm

Part # KF2008-GK11A
Description  Thick Film Thermal Printhead (8dots / mm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KF2008-GK11A Datasheet(HTML) 1 Page - Rohm

  KF2008-GK11A Datasheet HTML 1Page - Rohm KF2008-GK11A Datasheet HTML 2Page - Rohm KF2008-GK11A Datasheet HTML 3Page - Rohm KF2008-GK11A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KF2008-GK11A
Printheads
Thick Film Thermal Printhead
(8dots / mm)
KF2008-GK11A
The KF2008-GK11A use a high durability protective film to accept top coated label sheet.
This is a light and small thick film type thermal printhead which achieved 1 inch / s printing speed.
!Applications
POS terminal printers
Label printers
CAT printers
General purpose compact printers
!Features
1) A high durability protective film has been developed newly as a counter measure against static electricity.
2) The clip connector for the FFC specifications has been developed newly using an original technology thereby making
it possible to achieve even smaller size.
3) A newly developed 144-bits IC levels the strobe partition and reduces the noise level.
4) One rank resistance value of 1500
Ω±3% eliminates the inconvenience of rank selection.
!External dimensions
(Units : mm)
220.5
±0.2
2-M3 EFFECTIVE DEPTH3
(ROCK)
No.28
No.1
DOT #1728
DOT #1
216(EFFECTIVE PRINT WIDTH)
230(SUBSTRATE WIDTH)
230.5
±0.3(HEATSINK WIDTH)
5
±0.2
Max. 1.7
(5.1)
Max. 10.5
36.25
±0.1
Diagrams of appropriate cable for reference(2 / 1)
33.75
±0.1
1.25
±0.05
0.3
±0.05
0.8
±0.03
(Open)


Similar Part No. - KF2008-GK11A

ManufacturerPart #DatasheetDescription
logo
Rohm
KF2008-GH10A ROHM-KF2008-GH10A Datasheet
162Kb / 4P
   Thick film thermal printhead (8 dots / mm)
KF2008-GH40A ROHM-KF2008-GH40A Datasheet
78Kb / 5P
   Thick film thermal printhead (8dots / mm)
KF2008-GR10A ROHM-KF2008-GR10A Datasheet
166Kb / 4P
   Thick film thermal printhead (8 dots / mm)
More results

Similar Description - KF2008-GK11A

ManufacturerPart #DatasheetDescription
logo
Rohm
KF2008-GH40A ROHM-KF2008-GH40A Datasheet
78Kb / 5P
   Thick film thermal printhead (8dots / mm)
KD2008-AF10A ROHM-KD2008-AF10A Datasheet
53Kb / 5P
   Thick film thermal printhead (8dots / mm)
KA2008-AF10A ROHM-KA2008-AF10A Datasheet
55Kb / 5P
   Thick film thermal printhead (8dots / mm)
KF2002-GP10A ROHM-KF2002-GP10A Datasheet
87Kb / 5P
   Compact low voltage thick film thermal printhead (8dots / mm)
KF2003-GF84A ROHM-KF2003-GF84A Datasheet
89Kb / 5P
   Compact low voltage thick film thermal printhead (8dots / mm)
KD2003-DG10A ROHM-KD2003-DG10A Datasheet
63Kb / 5P
   Compact high speed thick film thermal printhead (8dots / mm)
KD2004-DG10A ROHM-KD2004-DG10A Datasheet
63Kb / 5P
   Compact high speed thick film thermal printhead (8dots / mm)
KF2002-GF94A ROHM-KF2002-GF94A Datasheet
87Kb / 5P
   Compact low voltage thick film thermal printhead (8dots /mm)
KF2004-GF41A ROHM-KF2004-GF41A Datasheet
78Kb / 4P
   Compact high speed thick film thermal printhead (8dots / mm)
KF2002-GK42A ROHM-KF2002-GK42A Datasheet
89Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com