Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41662-A05A102 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # A-41662-A05A102
Description  3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, 5 Circuits, Tin (Sn) Plating
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-41662-A05A102 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button A-41662-A05A102 Datasheet HTML 3Page - Molex Electronics Ltd. A-41662-A05A102 Datasheet HTML 4Page - Molex Electronics Ltd. A-41662-A05A102 Datasheet HTML 5Page - Molex Electronics Ltd. A-41662-A05A102 Datasheet HTML 6Page - Molex Electronics Ltd. A-41662-A05A102 Datasheet HTML 7Page - Molex Electronics Ltd. A-41662-A05A102 Datasheet HTML 8Page - Molex Electronics Ltd. A-41662-A05A102 Datasheet HTML 9Page - Molex Electronics Ltd. A-41662-A05A102 Datasheet HTML 10Page - Molex Electronics Ltd. A-41662-A05A102 Datasheet HTML 11Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-0149
AH7
DATE:
8/11/2009
TITLE:
KK .156 HEADER ASSEMBLY
FLAT BREAKAWAY, 2-24 CKTS.
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41662 -001
MKIPPER
SSOUSEK
FSMITH
0TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-41662-BNB228-*
HEADER NUMBER:
41185-A-AN
PIN NUMBER:
43294-0687
PLATING
228
PIN LENGTH: L
31.24 / 1.230
MATING LENGTH: X
19.69 / .775
GOLD POINT: G
11.30 / .445
PIN HEIGHT: Y
4.95 / .195
PC TAIL LENGTH: Z
4.62 / .182
TIN: T
5.08/ .200
CKTS:
2-24
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-41662-001
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
41662-0070
-B02B228
41662-0087
-B19B228
41662-0071
-B03B228
41662-0088
-B20B228
41662-0072
-B04B228
41662-0089
-B21B228
41662-0073
-B05B228
41662-0090
-B22B228
41662-0074
-B06B228
41662-0091
-B23B228
41662-0075
-B07B228
41662-0092
-B24B228
41662-0076
-B08B228
41662-0077
-B09B228
41662-0078
-B10B228
41662-0079
-B11B228
41662-0080
-B12B228
41662-0081
-B13B228
41662-0082
-B14B228
41662-0083
-B15B228
41662-0084
-B16B228
41662-0085
-B17B228
41662-0086
-B18B228
A-41662-ANA501-*
HEADER NUMBER:
41185-A-AN
PIN NUMBER:
2161-19(501)
PLATING
501
PIN LENGTH: L
26.21 / 1.032
MATING LENGTH: X
14.61 / .575
GOLD POINT: G
OVERALL
PIN HEIGHT: Y
4.95 / .195
PC TAIL LENGTH: Z
4.67 / .184
TIN: T
N/A
CKTS:
2-24
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-41662-001
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
26-48-2022
-A02A501
26-48-2192
-A19A501
26-48-2032
-A03A501
26-48-2202
-A20A501
26-48-2042
-A04A501
26-48-2212
-A21A501
26-48-2052
-A05A501
26-48-2222
-A22A501
26-48-2062
-A06A501
26-48-2232
-A23A501
26-48-2072
-A07A501
26-48-2242
-A24A501
26-48-2082
-A08A501
26-48-2092
-A09A501
26-48-2102
-A10A501
26-48-2112
-A11A501
26-48-2122
-A12A501
26-48-2132
-A13A501
26-48-2142
-A14A501
26-48-2152
-A15A501
26-48-2162
-A16A501
26-48-2172
-A17A501
26-48-2182
-A18A501


Similar Part No. - A-41662-A05A102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41662-A05A197 MOLEX11-A-41662-A05A197 Datasheet
52Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 5 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com