Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-403F1 Datasheet(PDF) 1 Page - Rohm

Part # LB-403F1
Description  High efficiency, three-digit numeric displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LB-403F1 Datasheet(HTML) 1 Page - Rohm

  LB-403F1 Datasheet HTML 1Page - Rohm LB-403F1 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LB-403F1 Series
LED displays
High efficiency, three-digit numeric
displays
LB-403F1 Series
The LB-403 F1 series were designed to meet
the need for multi-digit numeric displays.
These LED numeric displays use GaAsP on
GaP for the emitting material (with the
exception of green) and are housed in an
epoxy resin package. They are three-digit
displays with a character height of 10 mm.
!
!
!
!Features
1) Height of character : 10mm.
2) Common anode configuration available for
each color.
3) High efficiency reflectors are used to
achieve a bright, clear display.
4) The package surface is painted black and
the segments are colored the display color.
!
!
!
!External dimensions
(Units : mm)
5.5
φ0.5
26.0
±0.4
10
°
(22.86)
(2.54)
1.0
6.75
9.0
Tolerances are
±0.3 unless otherwise noted:
!
!
!
!Selection guide
Red
Green
LB-403VF1
LB-403MF1
Anode
Common
Emitting color
!
!
!
!Pin assignments
Digit 2
Digit 1
a2
g2
d2
f2
b2
c2
b1
c1
e2
Digit 3
a3
g3
d3
f3
b3
c3
e3
Pin No. 1
2
3
4
5
6
7
8
9
10
20 19 18 17 16 15 14 13 12 11
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
Segment "c1"
Segment "e2"
Segment "d2"
Segment "g2"
Segment "c2"
Segment "e3"
Segment "d3"
Segment "g3"
Segment "c3"
NC
1
2
3
4
5
6
7
8
9
10
Function
Pin No.
Segment "b3"
Segment "a3"
Segment "f3"
Digit 3 Common
Digit 2 Common
Segment "b2"
Segment "a2"
Segment "f2"
Segment "b1"
Digit 1 Common
11
12
13
14
15
16
17
18
19
20
Function
Pin No.


Similar Part No. - LB-403F1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB-400-100 ETC2-LB-400-100 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-400-100 ETC2-LB-400-100 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-400-50 ETC2-LB-400-50 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-400-50 ETC2-LB-400-50 Datasheet
109Kb / 1P
   170 through 600 Amperes
logo
Protech Systems Co., Lt...
LB-401 PROTECHSYSTEMS-LB-401 Datasheet
457Kb / 2P
   Embedded Board with VGA/Sound/2LAN
More results

Similar Description - LB-403F1

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-203BL ROHM-LB-203BL Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP_1 Datasheet
57Kb / 3P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK_11 Datasheet
946Kb / 4P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK_1 Datasheet
60Kb / 3P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP Datasheet
45Kb / 2P
   High efficiency, three-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VK2 ROHM-LB-602VK2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_11 Datasheet
944Kb / 4P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_1 Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com