Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM-2035 Datasheet(PDF) 1 Page - Rohm

Part # LM-2035
Description  5 x 7 matrix displays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM-2035 Datasheet(HTML) 1 Page - Rohm

  LM-2035 Datasheet HTML 1Page - Rohm LM-2035 Datasheet HTML 2Page - Rohm LM-2035 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FExternal dimensions (Units: mm)
238
LED displays
5
7 matrix displays
LM-2035 Series
The LM-2035 series are 5
7 matrix
displays which can be used in a wide
variety of applications, including alpha-
bet, numeric, symbol, and graphic dis-
plays. Bright red, red and green are
available, as well as a dual-color
red / green type.
FApplications
Light sources for displays
FFeatures
1) 5
7 dot matrix
Circular emitters.
2) External dimensions: 17.78
12.7
4.2 mm
3) Emitters: Circular, 2.0 mm diameter
4) Black package.
FSelection guide


Similar Part No. - LM-2035

ManufacturerPart #DatasheetDescription
logo
Rohm
LM-2035 ROHM-LM-2035 Datasheet
69Kb / 4P
   5 x 7 matrix display
LM-2035LB ROHM-LM-2035LB Datasheet
69Kb / 4P
   5 x 7 matrix display
LM-2035MB ROHM-LM-2035MB Datasheet
69Kb / 4P
   5 x 7 matrix display
LM-2035 ROHM-LM-2035_1 Datasheet
69Kb / 4P
   5 x 7 matrix display
More results

Similar Description - LM-2035

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TA12-11 KINGBRIGHT-TA12-11 Datasheet
233Kb / 6P
   30 MM 5 X 7 DOT MATRIX DISPLAYS
logo
List of Unclassifed Man...
TA20-11 ETC-TA20-11 Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TBA30-12EGWA KINGBRIGHT-TBA30-12EGWA Datasheet
131Kb / 3P
   76.2mm (3.0 INCH) 5 X 7 MULTICORLOR DOT MATRIX DISPLAYS
logo
Rohm
LM-2035 ROHM-LM-2035_1 Datasheet
69Kb / 4P
   5 x 7 matrix display
logo
Agilent(Hewlett-Packard...
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
logo
Fairchild Semiconductor
GMA2885C FAIRCHILD-GMA2885C Datasheet
602Kb / 8P
   2.3 5 X 8 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TX24 KINGBRIGHT-TX24 Datasheet
217Kb / 6P
   60.8 MM 5 X 8 DOT MATRIX DISPLAYS
logo
Siemens Semiconductor G...
TDA6920 SIEMENS-TDA6920 Datasheet
1Mb / 20P
   7 x 5 Video Matrix Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com