Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

190020029 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 190020029
Description  Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

190020029 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  190020029 Datasheet HTML 1Page - Molex Electronics Ltd. 190020029 Datasheet HTML 2Page - Molex Electronics Ltd. 190020029 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190020029
Status:
Active
Description:
Avikrimp™ Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
TUV
R72090224
UL
E79133
General
Product Family
Quick Disconnects
Series
19002
Crimp Quality Equipment
Yes
Product Name
Avikrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Polarized to Mating Part
No
Tab Thickness
0.51mm (.020")
Tab Width
4.75mm (.187")
Temperature Range - Operating
-65°C to +105°C
Wire Insulation Diameter
3.94mm (.155") max.
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Electrical
Voltage - Maximum
300V
Material Info
Old Part Number
BB-5269T
Reference - Drawing Numbers
Sales Drawing
SD-19002-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19002Series
Use With
19001-0008 , 19001-0009
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for
MTA-100 Tape
Applicator used in
3BF Press, MTA-105
Tape Applicator used
in TM-2000™ Press,
and ATP-301 Air
Crimping Press for
Mylar Tape Mounted
Terminals
0192880130


Similar Part No. - 190020029

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190020020 MOLEX3-190020020 Datasheet
155Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Mylar Tape
190020021 MOLEX3-190020021 Datasheet
155Kb / 2P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Box
190020022 MOLEX3-190020022 Datasheet
155Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Mylar Tape
190020023 MOLEX3-190020023 Datasheet
155Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Metal Strip
190020024 MOLEX3-190020024 Datasheet
150Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
More results

Similar Description - 190020029

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190020038 MOLEX3-0190020038 Datasheet
150Kb / 3P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
0190020025 MOLEX3-0190020025 Datasheet
151Kb / 3P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
0190020048 MOLEX3-0190020048 Datasheet
150Kb / 3P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
0190020035 MOLEX3-0190020035 Datasheet
149Kb / 2P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
0190020043 MOLEX3-0190020043 Datasheet
150Kb / 3P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
0190020032 MOLEX3-0190020032 Datasheet
150Kb / 3P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
0190020022 MOLEX3-0190020022 Datasheet
155Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Mylar Tape
0190020020 MOLEX3-0190020020 Datasheet
155Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Mylar Tape
0190020014 MOLEX3-0190020014 Datasheet
155Kb / 2P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Mylar Tape
0190020007 MOLEX3-0190020007 Datasheet
156Kb / 3P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Mylar Tape
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com