Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-4455-BH07FP909 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # A-4455-BH07FP909
Description  2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 7 Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-4455-BH07FP909 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button A-4455-BH07FP909 Datasheet HTML 5Page - Molex Electronics Ltd. A-4455-BH07FP909 Datasheet HTML 6Page - Molex Electronics Ltd. A-4455-BH07FP909 Datasheet HTML 7Page - Molex Electronics Ltd. A-4455-BH07FP909 Datasheet HTML 8Page - Molex Electronics Ltd. A-4455-BH07FP909 Datasheet HTML 9Page - Molex Electronics Ltd. A-4455-BH07FP909 Datasheet HTML 10Page - Molex Electronics Ltd. A-4455-BH07FP909 Datasheet HTML 11Page - Molex Electronics Ltd. A-4455-BH07FP909 Datasheet HTML 12Page - Molex Electronics Ltd. A-4455-BH07FP909 Datasheet HTML 13Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
KK 100 PCB ASSY 2-25 CKT
4455 SERIES
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-2172
D7
DATE:
4/15/2010
TITLE:
KK 100 PCB ASSY
4455 SERIES DWG
- 7 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-4455
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy Proc:
RIGHT ANGLE
Assy Proc:
RIGHT ANGLE
Assy Proc:
RIGHT ANGLE
Assy Proc:
RIGHT ANGLE
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Housing No:
4455-AN
Housing No:
4455-BN
Housing No:
4455-BN
Housing No:
4455-NHH
Terminal No:
4316-4(208)
Terminal No:
4316-4(228)
Terminal No:
4316-4(P909)
Terminal No:
4316-4(P909)
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Plating:
208
Plating:
228
Plating:
P909
Plating:
P909
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Voids:
NONE
Voids:
NONE
Voids:
NONE
Voids:
NONE
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
A-4455-AB02A(228)
22-15-4024
A-4455-AB02A(P909)
22-15-2022
A-4455-AE02A(P909)
3
A-4455-AB 03 A(228)
22-15-4034
A-4455-AB 03A(P909)
22-15-2032
A-4455-AE 03A(P909)
4
A-4455-AB 04 A(228)
22-15-4044
A-4455-AB 04A(P909)
22-15-2042
A-4455-AE 04A(P909)
5
A-4455-AB 05 A(228)
22-15-4054
A-4455-AB 05A(P909)
22-15-2052
A-4455-AE 05A(P909)
6
50-34-8518
A-4455-AB 06 A(228)
22-15-4064
A-4455-AB 06A(P909)
22-15-2062
A-4455-AE 06A(P909)
7
22-16-2076
A-4455-AA07A(208)
A-4455-AB 07 A(228)
22-15-4074
A-4455-AB 07A(P909)
22-15-2072
A-4455-AE 07A(P909)
8
22-16-2086
A-4455-AA 08 A(208)
A-4455-AB 08 A(228)
22-15-4084
A-4455-AB 08A(P909)
22-15-2082
A-4455-AE 08A(P909)
9
22-16-2096
A-4455-AA 09 A(208)
A-4455-AB 09 A(228)
22-15-4094
A-4455-AB 09A(P909)
22-15-2092
A-4455-AE 09A(P909)
10
22-16-2106
A-4455-AA 10 A(208)
A-4455-AB 10 A(228)
22-15-4104
A-4455-AB 10A(P909)
22-15-2102
A-4455-AE 10A(P909)
11
22-16-2116
A-4455-AA 11 A(208)
A-4455-AB 11 A(228)
22-15-4114
A-4455-AB 11A(P909)
22-15-2112
A-4455-AE 11A(P909)
12
22-16-2126
A-4455-AA 12 A(208)
A-4455-AB 12 A(228)
22-15-4124
A-4455-AB 12A(P909)
22-15-2122
A-4455-AE 12A(P909)
13
22-16-2136
A-4455-AA 13 A(208)
A-4455-AB 13 A(228)
22-15-4134
A-4455-AB 13A(P909)
22-15-2132
A-4455-AE 13A(P909)
14
22-16-2146
A-4455-AA 14 A(208)
A-4455-AB 14 A(228)
22-15-4144
A-4455-AB 14A(P909)
22-15-2142
A-4455-AE 14A(P909)
15
22-16-2156
A-4455-AA 15 A(208)
A-4455-AB 15 A(228)
22-15-4154
A-4455-AB 15A(P909)
22-15-2152
A-4455-AE 15A(P909)
16
22-16-2166
A-4455-AA 16 A(208)
A-4455-AB 16 A(228)
22-15-4164
A-4455-AB 16A(P909)
22-15-2162
A-4455-AE 16A(P909)
17
22-16-2176
A-4455-AA 17 A(208)
A-4455-AB 17 A(228)
22-15-4174
A-4455-AB 17A(P909)
22-15-2172
A-4455-AE 17A(P909)
18
22-16-2186
A-4455-AA 18 A(208)
A-4455-AB 18 A(228)
22-15-4184
A-4455-AB 18A(P909)
22-15-2182
A-4455-AE 18A(P909)
19
22-16-2196
A-4455-AA 19 A(208)
A-4455-AB 19 A(228)
22-15-4194
A-4455-AB 19A(P909)
22-15-2192
A-4455-AE 19A(P909)
20
22-16-2206
A-4455-AA 20 A(208)
A-4455-AB 20 A(228)
22-15-4204
A-4455-AB 20A(P909)
22-15-2202
A-4455-AE 20A(P909)
21
22-16-2216
A-4455-AA 21 A(208)
A-4455-AB 21 A(228)
22-15-4214
A-4455-AB 21A(P909)
22-15-2212
A-4455-AE 21A(P909)
22
22-16-2226
A-4455-AA 22 A(208)
A-4455-AB 22 A(228)
22-15-4224
A-4455-AB 22A(P909)
22-15-2222
A-4455-AE 22A(P909)
23
22-16-2236
A-4455-AA 23 A(208)
A-4455-AB 23 A(228)
22-15-4234
A-4455-AB 23A(P909)
22-15-2232
A-4455-AE 23A(P909)
24
22-16-2246
A-4455-AA 24 A(208)
22-17-3240
A-4455-AB 24 A(228)
22-15-4244
A-4455-AB 24A(P909)
22-15-2242
A-4455-AE 24A(P909)
25
22-16-2256
A-4455-AA 25 A(208)
A-4455-AB 25 A(228)
22-15-4254
A-4455-AB 25A(P909)
22-15-2252
A-4455-AE 25A(P909)


Similar Part No. - A-4455-BH07FP909

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-4455-BH07D MOLEX2-A-4455-BH07D Datasheet
631Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Bottom Entry, 2.54關m (100關) Tin (Sn), 7 Circuits
A-4455-BH07D MOLEX2-A-4455-BH07D Datasheet
631Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Bottom Entry, 0.50關m (20關) Gold (Au), 7 Circuits
A-4455-BH07D MOLEX2-A-4455-BH07D Datasheet
631Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 7 Circuits
A-4455-BH07J MOLEX2-A-4455-BH07J Datasheet
631Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Bottom Entry, 0.80關m (30關) Gold (Au), 7 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com