Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN739 Datasheet(PDF) 1 Page - Rohm

Part # RN739
Description  PIN diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RN739 Datasheet(HTML) 1 Page - Rohm

  RN739 Datasheet HTML 1Page - Rohm RN739 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RN739F / RN739D
Diodes
PIN diode
RN739F / RN739D
!
!
!
!Applications
VHF / UHF band variable attenuators and AGC
!
!
!
!Features
1) Multiple diodes in one small surface mount package.
(UMD3, SMD3)
2) Low high-frequency forward resistance (rF) / low
capacitance (CT).
3) High reliability.
!
!
!
!Construction
Silicon diffusion junction
!
!
!
!Circuit
!
!
!
!External dimensions
(Units : mm)
0
~0.1
0.15
±0.05
0.3
±0.1
2.0
±0.2
1.3
±0.1
0.65
0.65
0.9
±0.1
0.3
0.6
ROHM : UMD3
EIAJ : SC-70
JEDEC : SOT-323
(All pins have the same dimensions)
0.15
0.4
0
~0.1
1.1
0.8
±0.1
2.9
±0.2
1.9
±0.2
0.95 0.95
+0.2
−0.1
+0.1
−0.06
+0.1
−0.05
ROHM : SMD3
EIAJ : SC-59
JEDEC : SOT-346
(All pins have the same dimensions)
RN739F
RN739D
!
!
!
!Absolute maximum ratings
(Ta = 25
°C)
Parameter
Symbol
Limits
Unit
DC reverse voltage
VR
50
V
DC forward current
IF
50
mA
Power dissipation
100
mW
Junction temperature
125
°C
Storage temperature
Tstg
°C
Tj
−55~+125
Pd
!
!
!
!Electrical characteristics
(Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
−−
1.0
V
IF=50mA
Reverse current
IR
−−
100
nA
VR=50V
Capacitance between terminals
−−
0.4
pF
Forward operating resistance
rF
−−
7
IF=10mA, f=100MHz
VR=35V, f=1MHz
CT


Similar Part No. - RN739

ManufacturerPart #DatasheetDescription
logo
Rohm
RN739F ROHM-RN739F Datasheet
165Kb / 3P
   PIN diode
RN739F ROHM-RN739F Datasheet
137Kb / 3P
   VHF / UHF band variable attenuators and AGC
RN739F ROHM-RN739F Datasheet
1Mb / 8P
   PIN Diodes
RN739FFH ROHM-RN739FFH Datasheet
1Mb / 8P
   PIN Diodes
RN739FT106 ROHM-RN739FT106 Datasheet
137Kb / 3P
   VHF / UHF band variable attenuators and AGC
More results

Similar Description - RN739

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
   Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
   PIN DIODE
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
logo
AUK corp
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
   PIN DIODE
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
   PIN DIODE
logo
Solid States Devices, I...
RC0130A SSDI-RC0130A_15 Datasheet
137Kb / 2P
   PIN DIODE
logo
Rohm
RN142GT2R ROHM-RN142GT2R Datasheet
114Kb / 3P
   PIN diode
logo
Jiangsu Changjiang Elec...
BAP64-04W JIANGSU-BAP64-04W Datasheet
650Kb / 5P
   Pin Diode
logo
Rohm
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
   PIN diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com