Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA-580 Datasheet(PDF) 4 Page - Rohm

Part # SLA-580
Description  High luminance, small LEDs f5.0 mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLA-580 Datasheet(HTML) 4 Page - Rohm

  SLA-580 Datasheet HTML 1Page - Rohm SLA-580 Datasheet HTML 2Page - Rohm SLA-580 Datasheet HTML 3Page - Rohm SLA-580 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SLA-560 / SLA-570 / SLA-580 Series
LED lamps
1
2
1.5
3
4
5
6
10
520
50
10
3
10
2
10
4
PULSE DURATION : Tw
(
µs)
Fig.8 Maximum tolerable peak current
vs. pulse duration
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
304050
60
PEAK FORWARD CURRENT : IF peak
(mA)
Fig.9 Luminous intensity
vs. peak forward current
15%
20%
10%
5%
f=1kHz
DC
DF=50%
40
30
20
10
0
20
30
40
50
60
70
80
90
60
50
70
AMBIENT TEMPERATURE : Ta
(
°C)
Fig.10 Maximum forward current
vs. ambient temperature
(Derating)
!
!
!
!
Electrical characteristic curves 2 (green)
20
10
5.0
2.0
1.0
0.5
0.2
0.1
1.5
1.0
2.0
2.5
3.0
50
FORWARD VOLTAGE : VF
(V)
Ta=25˚C
Fig.11 Forward current vs.
forward voltage
1.4
1.2
1.0
0.8
0.6
0.4
−20
0
20
40
60
80
CASE TEMPERATURE : Tc
(˚C)
Fig.12 Luminous intensity vs.
case temperature
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.1 0.2
0.5
1
2
510 20
50 100
5
FORWARD CURRENT : IF
(
mA)
Ta=25˚C
Fig.13 Luminous intensity vs.
forward current
1
2
2.4
3
4
5
6
10
520
50
10
3
10
2
10
4
PULSE DURATION : Tw
(
µs)
Fig.14 Maximum tolerable peak current
vs. pulse duration
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
304050
60
PEAK FORWARD CURRENT : IF peak
(mA)
f=1kHz
DC
DF=50%
15%
10%
5%
20%
Fig.15 Luminous intensity
vs. peak forward current
20
10
0
20
30
40
50
60
70
80
90
30
AMBIENT TEMPERATURE : Ta
(˚C)
Fig.16 Maximum forward current
vs. ambient temperature
(Derating)


Similar Part No. - SLA-580

ManufacturerPart #DatasheetDescription
logo
Rohm
SLA-580 ROHM-SLA-580 Datasheet
102Kb / 4P
   High bright circular LED lamps (?5.0mm)
SLA-580 ROHM-SLA-580 Datasheet
280Kb / 3P
   High Brightness Type 5 Circular Type LED Lamps
SLA-580LT ROHM-SLA-580LT Datasheet
280Kb / 3P
   High Brightness Type 5 Circular Type LED Lamps
SLA-580LT3F ROHM-SLA-580LT3F Datasheet
102Kb / 4P
   High bright circular LED lamps (?5.0mm)
SLA-580LT3F ROHM-SLA-580LT3F Datasheet
764Kb / 12P
   SLI-580x/SLA-580x/SLA580x Series
2022.2 - Rev.007
More results

Similar Description - SLA-580

ManufacturerPart #DatasheetDescription
logo
Rohm
SLA-360 ROHM-SLA-360 Datasheet
121Kb / 4P
   High luminance, small LEDs (過3, 過3.1 mm)
SLR-322 ROHM-SLR-322 Datasheet
207Kb / 6P
   Reflecting small LEDs, directly mountable (3.1 mm * 2 mm)
SLR-325 ROHM-SLR-325 Datasheet
185Kb / 6P
   Reflecting small LEDs, directly mountable (3.2 mm)
logo
Sony Corporation
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
Seoul Semiconductor
HR335 SEOUL-HR335 Datasheet
546Kb / 13P
   High flux output and high luminance
logo
Sony Corporation
ACX306BKM SONY-ACX306BKM Datasheet
218Kb / 27P
   Center luminance
logo
Seoul Semiconductor
SAW8C22B-NZ SEOUL-SAW8C22B-NZ Datasheet
1Mb / 31P
   High Intensity output and high luminance
STB0FS12A SEOUL-STB0FS12A Datasheet
984Kb / 20P
   High flux output and high luminance
logo
Rohm
SML-210YTT86 ROHM-SML-210YTT86 Datasheet
103Kb / 5P
   Small, chip LEDs
SML-210LTT86 ROHM-SML-210LTT86 Datasheet
103Kb / 5P
   Small, chip LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com