Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-19008-013 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-19008-013
Description  Flag Krimptite??Quick Disconnect
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19008-013 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-19008-013 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19008-013 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19008-013 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190080009
Status:
Active
Description:
Flag Krimptite™ Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Metal Strip,
Tab 4.75mm (.187") x 0.81mm (.03
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19008
Crimp Quality Equipment
Yes
Product Name
Krimptite™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Flag
Packaging Type
Reel
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
4.75mm (.187")
Temperature Range - Operating
Per Wire Specification
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
Per Wire Specification
Material Info
Old Part Number
AAZ-1147-032
Reference - Drawing Numbers
Sales Drawing
SD-19008-013
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19008Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Rear Feed Mini-Mac
Applicator for Flag
Krimptite™ Quick
Disconnect Female
Terminals, 18-22
AWG
0638027500
ASP Perishable
Tool Kit used in ASP
presses that process
metal strip product
0190290130
This document was generated on 04/13/2010


Similar Part No. - SD-19008-013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-19008-013 MOLEX4-SD-19008-013 Datasheet
109Kb / 2P
   Flag Krimptite??Quick Disconnect
SD-19008-013 MOLEX4-SD-19008-013 Datasheet
159Kb / 3P
   Flag Krimptite??Quick Disconnect
More results

Similar Description - SD-19008-013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190080028 MOLEX4-0190080028 Datasheet
159Kb / 3P
   Flag Krimptite??Quick Disconnect
0190080027 MOLEX4-0190080027 Datasheet
109Kb / 2P
   Flag Krimptite??Quick Disconnect
0190220024 MOLEX4-0190220024 Datasheet
88Kb / 2P
   Krimptite??Quick Disconnect
0190160010 MOLEX4-0190160010 Datasheet
74Kb / 2P
   Krimptite??Quick Disconnect
0190220006 MOLEX4-0190220006 Datasheet
87Kb / 2P
   Krimptite??Quick Disconnect
0190160037 MOLEX4-0190160037 Datasheet
94Kb / 2P
   Krimptite??Quick Disconnect
ATS-638027600 MOLEX-ATS-638027600 Datasheet
392Kb / 5P
   Rear Feed Applicator for Flag Krimptite??Quick Disconnect Female Terminals
01-13-11
0190070030 MOLEX4-0190070030 Datasheet
87Kb / 2P
   Flag InsulKrimp??Quick Disconnect
0190070027 MOLEX4-0190070027 Datasheet
114Kb / 3P
   Flag InsulKrimp??Quick Disconnect
0190070024 MOLEX4-0190070024 Datasheet
113Kb / 2P
   Flag InsulKrimp??Quick Disconnect
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com