Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-19193-016 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-19193-016
Description  VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 1/4"||" "366488
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19193-016 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-19193-016 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19193-016 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19193-016 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191930152
Status:
Active
Description:
VersaKrimp™ Ring Tongue Terminal for 8 AWG Wire, Stud Size 1/4"
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19193
Comments
Type I Noninsulated; Class 2
Crimp Quality Equipment
Yes
Mil-Spec
AS20659-141, MS20659-141
Product Name
VersaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
1/4" (M6)
Termination Interface: Style
Crimp or Compression
Wire Size AWG
8
Wire Size mm²
6.60 - 10.5
Material Info
Old Part Number
D-350-14
Reference - Drawing Numbers
Sales Drawing
SD-19193-016
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19193Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Putt Pump Dieless
Head System
0192860065
Manual tool for
Crimping non-
insulated 8AWG thru
4/0 Terminals
0192940008
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192900001
Hand Crimp Tool
0640013900


Similar Part No. - SD-19193-016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-19193-016 MOLEX4-SD-19193-016 Datasheet
89Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com