Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190190026 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0190190026
Description  Avikrimp??Quick Disconnect
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190190026 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0190190026 Datasheet HTML 1Page - Molex Electronics Ltd. 0190190026 Datasheet HTML 2Page - Molex Electronics Ltd. 0190190026 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0190190026

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190190020 MOLEX4-0190190020 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Metal Strip, Tab6.35mm (.250") x 0.81mm (.032")
0190190022 MOLEX4-0190190022 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 2.79mm(.110") x 0.51mm (.020")
0190190024 MOLEX4-0190190024 Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab2.79mm (.110") x 0.51mm (.020")
0190190025 MOLEX4-0190190025 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 2.79mm(.110
0190190027 MOLEX4-0190190027 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 4.75mm(.187") x 0.51mm (.020")
More results

Similar Description - 0190190026

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190190038 MOLEX4-0190190038 Datasheet
239Kb / 3P
   Avikrimp??Quick Disconnect
0190190006 MOLEX4-0190190006 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect
0190190009 MOLEX4-0190190009 Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect
0190190051 MOLEX4-0190190051 Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect
0190190048 MOLEX4-0190190048 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect
0190060016 MOLEX4-0190060016 Datasheet
76Kb / 2P
   Flag Avikrimp??Quick Disconnect
0190060020 MOLEX4-0190060020 Datasheet
95Kb / 2P
   Flag Avikrimp??Quick Disconnect
0190060003 MOLEX4-0190060003 Datasheet
95Kb / 2P
   Flag Avikrimp??Quick Disconnect
0196001300 MOLEX4-0196001300 Datasheet
129Kb / 2P
   Avikrimp??Fully Insulated Female Quick Disconnect
0196001307 MOLEX4-0196001307 Datasheet
130Kb / 3P
   Avikrimp??Fully Insulated Female Quick Disconnect
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com