Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-19071-011 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-19071-011
Description  InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19071-011 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-19071-011 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19071-011 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190710208
Status:
Active
Description:
InsulKrimp™ Ring Tongue Terminal for 6 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-009 (PDF)
General
Product Family
Ring and Spade Terminals
Series
19071
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Ring
Physical
Barrel Type
Closed
Color - Resin
Natural
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
7/16" (M11)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
11.20mm (.440") max.
Wire Size AWG
6
Material Info
Old Part Number
E-658-76X
Reference - Drawing Numbers
Product Specification
PS-19902-009
Sales Drawing
SD-19071-011
Series image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19071Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192890004
Hand Crimp Tool
0640013900
Putt Pump Dieless
Head System
0192860065
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-19071-011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-19071-015 MOLEX4-SD-19071-015 Datasheet
85Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
More results

Similar Description - SD-19071-011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190710229 MOLEX4-0190710229 Datasheet
85Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
0190710190 MOLEX4-0190710190 Datasheet
88Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
0190710188 MOLEX4-0190710188 Datasheet
88Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
0190710193 MOLEX4-0190710193 Datasheet
88Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
0190710225 MOLEX4-0190710225 Datasheet
85Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
0190710218 MOLEX4-0190710218 Datasheet
85Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
0190710221 MOLEX4-0190710221 Datasheet
85Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
0190710201 MOLEX4-0190710201 Datasheet
86Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
0190710196 MOLEX4-0190710196 Datasheet
88Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
0190710223 MOLEX4-0190710223 Datasheet
34Kb / 2P
   InsulKrimp??Brazed Ring Tongue Terminal for 6 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com