Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-35241-4011 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-35241-4011
Description  1.00mm (.039") Diameter Wire-to-Wire Plug Housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-35241-4011 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-35241-4011 Datasheet HTML 1Page - Molex Electronics Ltd. SD-35241-4011 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0352414011
Status:
Active
Description:
1.00mm (.039") Diameter Wire-to-Wire Plug Housing, with Seal and Terminal Retainers
Documents:
3D Model
Product Specification PS-35241-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
35241
Product Name
N/A
Physical
Circuits (maximum)
40
Color - Resin
Black, Natural
Gender
Male
Glow-Wire Compliant
No
Material - Resin
Polyester
Number of Rows
4
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.142 In
Pitch - Mating Interface (mm)
3.60 mm
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Electrical
Current - Maximum per Contact
5A
Material Info
Reference - Drawing Numbers
Product Specification
PS-35241-003
Sales Drawing
SD-35241-4011
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35241Series
Mates With
35245
Use With
35100
This document was generated on 04/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-35241-4011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-35200-1000 MOLEX4-SD-35200-1000 Datasheet
106Kb / 2P
   1.00mm (.039") Diameter Wire-to-Board Receptacle Housing
SD-35204-001 MOLEX4-SD-35204-001 Datasheet
90Kb / 3P
   2.36mm (.093") Diameter Wire-to-Board Header
SD-35204-002 MOLEX4-SD-35204-002 Datasheet
85Kb / 3P
   7.80mm (.197") Pitch, 2.36mm
SD-35204-003 MOLEX4-SD-35204-003 Datasheet
84Kb / 3P
   5.00mm (.197") Pitch, 2.36mm (.093") Diameter Wire-to-Board Header
SD-35270-0111 MOLEX4-SD-35270-0111 Datasheet
72Kb / 2P
   6.00mm (.236") Tab Wire-to-Wire Receptacle Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com