Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA9A Datasheet(PDF) 2 Page - Rohm

Part # FMA9A
Description  Digital transistor (Common Emitter Dual Transistors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA9A Datasheet(HTML) 2 Page - Rohm

  FMA9A Datasheet HTML 1Page - Rohm FMA9A Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UMA9N / FMA9A
Transistors
!
!
!
!Packaging specifications
Packaging type
Taping
Code
UMA9N
Part No.
FMA9A
TR
3000
-
T148
3000
-
Basic ordering unit (pieces)
!
!
!
!Electrical characteristic curves
VO =
−0.3V
OUTPUT CURRENT : IO
(A)
-100
-50
-20
-10
-5
-2
-1
-500m
-200m
-100m
-100
µ
-1m
-10m
-100m
-200
µ
-2m
-20m
-500
µ
-5m
-50m
25
°C
100
°C
Ta =
−40°C
Fig.1 Input voltage vs. output current
(ON characteristics)
VCC =
−5V
0-3
-10m
-1
µ
-2m
-5m
-1m
-200
µ
-500
µ
-100
µ
-20
µ
-50
µ
-10
µ
-2
µ
-5
µ
-0.5
-1
-1.5
-2
-2.5
INPUT VOLTAGE : VI (off)
(V)
Fig.2 Output current vs. input voltage
(OFF characteristics)
Ta = 100
°C
25
°C
−40°C
VO =
−5V
-100
µ
-1m
-10m
-100m
-200
µ
-2m
-20m
-500
µ
-5m
-50m
OUTPUT CURRENT : IO
(A)
1k
500
200
100
50
20
10
5
2
1
Fig.3 DC current gain vs. output
current
Ta = 100
°C
25
°C
−40°C
lO/lI = 20
-100
µ
-1m
-10m
-100m
-200
µ
-2m
-20m
-500
µ
-5m
-50m
Ta = 100
°C
25
°C
−40°C
-1
-500m
-200m
-100m
-10m
-50m
-5m
-20m
-2m
-1m
OUTPUT CURRENT : IO
(A)
Fig.4 Output voltage vs. output
current


Similar Part No. - FMA9A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA9A ROHM-FMA9A Datasheet
425Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
FMA9AT148 ROHM-FMA9AT148 Datasheet
425Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
More results

Similar Description - FMA9A

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
EMA5 ROHM-EMA5 Datasheet
1Mb / 11P
   Emitter common Dual digital transistors
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
   Emitter common (dual digital transistors)
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
FMG5A ROHM-FMG5A Datasheet
72Kb / 4P
   Emitter common (dual digital transistors)
logo
Unisonic Technologies
UG4J UTC-UG4J_07 Datasheet
103Kb / 2P
   EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
logo
Rohm
EMS1 ROHM-EMS1 Datasheet
42Kb / 3P
   Emitter common (dual digital transistors)
UMG3N ROHM-UMG3N Datasheet
67Kb / 3P
   Emitter common (dual digital transistors)
UMA7N ROHM-UMA7N Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com