Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

191930251 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 191930251
Description  VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

191930251 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  191930251 Datasheet HTML 1Page - Molex Electronics Ltd. 191930251 Datasheet HTML 2Page - Molex Electronics Ltd. 191930251 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191930251
Status:
Active
Description:
VersaKrimp™ Ring Tongue Terminal for 6 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19193
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
VersaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
5/16" (M8)
Termination Interface: Style
Crimp or Compression
Wire Size AWG
6
Material Info
Old Part Number
E-360-56
Reference - Drawing Numbers
Sales Drawing
SD-19193-032
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19193Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Putt Pump Dieless
Head System
0192860065
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192900004
Hand Crimp Tool
0640013900
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640074300


Similar Part No. - 191930251

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
191930250 MOLEX4-191930250 Datasheet
87Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire, Stud Size 14, Mylar TapeCarrier
191930253 MOLEX4-191930253 Datasheet
87Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire, Stud Size 56, Mylar TapeCarrier
More results

Similar Description - 191930251

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191930243 MOLEX4-0191930243 Datasheet
88Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
0191930238 MOLEX4-0191930238 Datasheet
87Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
0191930229 MOLEX4-0191930229 Datasheet
91Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
0191930209 MOLEX4-0191930209 Datasheet
98Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
0191930216 MOLEX4-0191930216 Datasheet
99Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
0191930248 MOLEX4-0191930248 Datasheet
89Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
0191930234 MOLEX4-0191930234 Datasheet
92Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
0191930230 MOLEX4-0191930230 Datasheet
91Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
0191930233 MOLEX4-0191930233 Datasheet
91Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
0191930245 MOLEX4-0191930245 Datasheet
89Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com