Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0192670129 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0192670129
Description  Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192670129 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0192670129 Datasheet HTML 1Page - Molex Electronics Ltd. 0192670129 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192670129
Status:
Active
Overview:
permafit
Description:
Perma-Fit™ Thin-Wall multi Purpose Heat Shrink Tubing, 3.18mm (.125") Inside
Diameter (As Supplied), Black, 30.48m (100.0' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
234945
UL
E159226
General
Product Family
Heat Shrink Tubing
Series
19267
Overview
permafit
Product Name
Perma-Fit™
Physical
Packaging Type
Reel
Temperature Range - Operating
-55°C to +135°C
Material Info
Old Part Number
PF-1/8-5BK
Reference - Drawing Numbers
Sales Drawing
SD-19267-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19267Series
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0192670129

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192670123 MOLEX4-0192670123 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 3.18mm(.125") InsideDiameter (As Supplied), Black
More results

Similar Description - 0192670129

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192670108 MOLEX4-0192670108 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
0192670130 MOLEX4-0192670130 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
0192670183 MOLEX4-0192670183 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
0192670153 MOLEX4-0192670153 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 4.75mm (.187
0192670251 MOLEX4-0192670251 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 12.70mm (.500
0192670189 MOLEX4-0192670189 Datasheet
239Kb / 2P
   Perma-Fit™ Thin-Wall multi Purpose Heat Shrink Tubing, 6.35mm
05/19/2010
0192670190 MOLEX4-0192670190 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 6.35mm (.250") InsidePerma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 6.35mm (.250") Inside
0192670099 MOLEX4-0192670099 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 2.36mm (.093)30.48m
0192670219 MOLEX4-0192670219 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 9.53mm (.375") InsideDiameterBlack30.48m100.0
0192670131 MOLEX4-0192670131 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 3.18mm (.125") InsideDiameterRed30.48m (100.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com