Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0192070005 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0192070005
Description  NylaKrimp??Parallel Splice for 10-12 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192070005 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0192070005 Datasheet HTML 1Page - Molex Electronics Ltd. 0192070005 Datasheet HTML 2Page - Molex Electronics Ltd. 0192070005 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192070005
Status:
Active
Description:
NylaKrimp™ Parallel Splice for 10-12 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Splices
Series
19207
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
NylaKrimp™, Parallel
Physical
Barrel Type
Closed - Brazed
Flammability
94V-0
Insulation
Nylon (PA)
Packaging Type
Bag
Wire Insulation Diameter
5.30mm (.209") max.
Wire Size AWG
10, 12
Material Info
Old Part Number
CS-N-303
Reference - Drawing Numbers
Sales Drawing
CSN303CD
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19207Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640010300
Hand Crimp Tool
0640015000
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050300
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640055000


Similar Part No. - 0192070005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192070001 MOLEX4-0192070001 Datasheet
100Kb / 2P
   VersaKrimp??Parallel Splice for 18-22 AWG Wire
0192070002 MOLEX4-0192070002 Datasheet
56Kb / 2P
   NylaKrimp??Parallel Splice for 18-22 AWG Wire
0192070004 MOLEX4-0192070004 Datasheet
72Kb / 3P
   NylaKrimp??Parallel Splice for 14-16 AWG Wire
More results

Similar Description - 0192070005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192020049 MOLEX4-0192020049 Datasheet
107Kb / 4P
   Nylakrimp??Butt Splice for 10-12 AWG Wire
0192070004 MOLEX4-0192070004 Datasheet
72Kb / 3P
   NylaKrimp??Parallel Splice for 14-16 AWG Wire
0192070002 MOLEX4-0192070002 Datasheet
56Kb / 2P
   NylaKrimp??Parallel Splice for 18-22 AWG Wire
0192080002 MOLEX4-0192080002 Datasheet
73Kb / 2P
   Krimptite??Parallel Splice for 10-12 AWG Wire
0192060008 MOLEX4-0192060008 Datasheet
76Kb / 2P
   InsulKrimp??Parallel Splice for 10-12 AWG Wire
0192050003 MOLEX4-0192050003 Datasheet
100Kb / 2P
   VersaKrimp??Parallel Splice for 10-12 AWG Wire
0192020054 MOLEX4-0192020054 Datasheet
61Kb / 2P
   NylaKrimp??Butt Splice for 8 AWG Wire
0192020055 MOLEX4-0192020055 Datasheet
68Kb / 2P
   NylaKrimp??Butt Splice for 6 AWG Wire
0192020056 MOLEX4-0192020056 Datasheet
68Kb / 2P
   NylaKrimp??Butt Splice for 4 AWG Wire
logo
TE Connectivity Ltd
ENG_CD_34138_P7 TEC-ENG_CD_34138_P7 Datasheet
83Kb / 1P
   SPLICE, PARALLEL, SOLISTRAND 12-10 AWG
4-14-93
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com