Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194180008 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 194180008
Description  MX150L??2 Ciruit Receptacle for 18 to 22 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

194180008 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  194180008 Datasheet HTML 1Page - Molex Electronics Ltd. 194180008 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0194180008
Status:
Active
Overview:
mx150l_sealed_connector_system
Description:
MX150L™ 2 Ciruit Receptacle for 18 to 22 AWG Wire, with CPA
Documents:
3D Model
Product Specification PS-19417-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
Agency Certification
CSA
LR18689
UL
E152602
General
Product Family
Crimp Housings
Series
19418
Overview
mx150l_sealed_connector_system
Product Literature Order No
987650-2181
Product Name
MX150L™
Physical
Circuits (maximum)
2
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.230 In
Pitch - Mating Interface (mm)
5.84 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
18A
Material Info
Reference - Drawing Numbers
Application Specification
AS-19417-001
Packaging Specification
PK-19418-001
Product Specification
PS-19417-001
Sales Drawing
SD-19418-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19418Series
Mates With
19419 , 19429
Use With
19420 Female Crimp Terminal
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 194180008

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1941800000 WEIDMULLER-1941800000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/90G 3.2SN BK BX
1941800000 WEIDMULLER-1941800000 Datasheet
188Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/180G 3.2SN BK BX
logo
Molex Electronics Ltd.
194180001 MOLEX4-194180001 Datasheet
125Kb / 2P
   MX150L??8 Circuit Receptacle for 18-22 AWG Wire, with CPA
194180002 MOLEX4-194180002 Datasheet
125Kb / 2P
   MX150L??8 Circuit Receptacle for 14-16 AWG Wire, with CPA
194180004 MOLEX4-194180004 Datasheet
108Kb / 2P
   MX150L??4 Circuit Receptacle
More results

Similar Description - 194180008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194180016 MOLEX4-0194180016 Datasheet
101Kb / 2P
   MX150L??2 Circuit Receptacle for 18 to 22 AWG Wire, without CPA
19418-0008 MOLEX11-19418-0008 Datasheet
47Kb / 1P
   MX150L??2 Circuit Receptacle for 18-22 AWG Wire, with CPA
0194180008 MOLEX1-0194180008_18 Datasheet
41Kb / 2P
   MX150L 2 Circuit Receptacle for 18-22 AWG Wire, with CPA
0194180016 MOLEX1-0194180016_18 Datasheet
39Kb / 2P
   MX150L 2 Circuit Receptacle for 18-22 AWG Wire, without CPA
19418-0016 MOLEX11-19418-0016 Datasheet
46Kb / 2P
   MX150L??2 Circuit Receptacle for 18-22 AWG Wire, without CPA
0194180011 MOLEX4-0194180011 Datasheet
121Kb / 2P
   MX150L??6 Circuit Receptacle for 18-22 AWG Wire
0194180026 MOLEX4-0194180026 Datasheet
127Kb / 2P
   MX150L??12 Circuit Receptacle for 18-22 AWG Wire
0194190008 MOLEX1-0194190008_18 Datasheet
45Kb / 2P
   MX150L 2 Circuit Plug for 18-22 AWG Wire
0194190008 MOLEX4-0194190008 Datasheet
97Kb / 2P
   MX150L??2 Circuit Plug for 18-22 AWG Wire
0194180022 MOLEX4-0194180022 Datasheet
125Kb / 2P
   MX150L??8 Circuit Receptacle for 18-22 AWG Wire, without CPA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com