Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

192670190 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 192670190
Description  Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 6.35mm (.250") InsidePerma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 6.35mm (.250") Inside
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

192670190 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  192670190 Datasheet HTML 1Page - Molex Electronics Ltd. 192670190 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192670190
Status:
Active
Overview:
permafit
Description:
Perma-Fit™ Thin-Wall multi Purpose Heat Shrink Tubing, 6.35mm (.250") Inside
Diameter (As Supplied), White, 30.48m (100.0' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
234945
UL
E159226
General
Product Family
Heat Shrink Tubing
Series
19267
Overview
permafit
Product Name
Perma-Fit™
Physical
Packaging Type
Reel
Temperature Range - Operating
-55°C to +135°C
Material Info
Old Part Number
PF-1/4-5WT
Reference - Drawing Numbers
Sales Drawing
SD-19267-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19267Series
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 192670190

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
192670195 MOLEX4-192670195 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 9.53mm (.375") InsideDiameter (As SuppliedBlack1.22m (4.0Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com