Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0192030098 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0192030098
Description  VersaKrimp??Temp-Term Ring Tongue Terminal for 10 to 12 AWG, Stud Size 8, MylarTape Carrier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192030098 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0192030098 Datasheet HTML 1Page - Molex Electronics Ltd. 0192030098 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192030098
Status:
Active
Description:
VersaKrimp™ Temp-Term Ring Tongue Terminal for 10 to 12 AWG, Stud Size 8, Mylar
Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19203
Comments
650°F (343°C)
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Temp-Terms, VersaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Stud Size
8 (M4)
Wire Size AWG
10, 12
Wire Size mm²
4.00 - 6.00
Material Info
Old Part Number
C-T-328-08T
Reference - Drawing Numbers
Sales Drawing
CTCD30101
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19203Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ATP Perishable Tool
Kit, Used in ATP
Presses that Process
Product on Tape
0190270088
Mini-Mac™
Applicator
0638851000
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0192030098

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192030092 MOLEX4-0192030092 Datasheet
90Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 6Mylar Tape Carrier
0192030094 MOLEX4-0192030094 Datasheet
91Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 10Mylar Tape Carrier
0192030095 MOLEX4-0192030095 Datasheet
90Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 1/4,Mylar Tape Carrier
0192030099 MOLEX4-0192030099 Datasheet
74Kb / 2P
   VersaKrimp??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 10
More results

Similar Description - 0192030098

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192030156 MOLEX4-0192030156 Datasheet
74Kb / 2P
   VersaKrimp??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 8
0192030099 MOLEX4-0192030099 Datasheet
74Kb / 2P
   VersaKrimp??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 10
0192030100 MOLEX4-0192030100 Datasheet
74Kb / 2P
   VersaKrimp??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 10Mylar Tape Carrier
0192030158 MOLEX4-0192030158 Datasheet
74Kb / 2P
   VersaKrimp??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size3/8"||" "368936
VersaKrimp??SL Ring Type Connectors, Tin Plated Co
0192030063 MOLEX4-0192030063 Datasheet
73Kb / 2P
   VersaKrimp??Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10
0192030064 MOLEX4-0192030064 Datasheet
73Kb / 2P
   VersaKrimp??Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10,
0191930149 MOLEX4-0191930149 Datasheet
89Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 10
0192030092 MOLEX4-0192030092 Datasheet
90Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 6Mylar Tape Carrier
0192030094 MOLEX4-0192030094 Datasheet
91Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 10Mylar Tape Carrier
0192030114 MOLEX4-0192030114 Datasheet
72Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 10,Mylar Tape Carrier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com