Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190730043 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0190730043
Description  Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 8, Length19.80mm (.779"), Mylar Tape Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190730043 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0190730043 Datasheet HTML 1Page - Molex Electronics Ltd. 0190730043 Datasheet HTML 2Page - Molex Electronics Ltd. 0190730043 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190730043
Status:
Active
Description:
Avikrimp™ Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 8, Length
19.80mm (.779"), Mylar Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19073
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Avikrimp™
Type
Ring
Physical
Barrel Type
Closed
Flammability
94V-0
Insulation
Nylon (PA)
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Stud Size
8 (M4)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.56mm (.140") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.25 - 1.50
Material Info
Old Part Number
AA-832-08T
Reference - Drawing Numbers
Sales Drawing
SD-19073-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19073Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for
MTA-100 Tape
Applicator used in
3BF Press, MTA-105
Tape Applicator used
in TM-2000™ Press,
and ATP-301 Air
Crimping Press for
Mylar Tape Mounted
Terminals
0192880023
Mini-Mac™
Applicator
0638851300


Similar Part No. - 0190730043

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190730040 MOLEX4-0190730040 Datasheet
146Kb / 3P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 5, Length 19.80mm (.779"), Mylar Tape Carrier
0190730042 MOLEX4-0190730042 Datasheet
146Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 8, Length19.80mm (.779")
0190730049 MOLEX4-0190730049 Datasheet
146Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 10, Length20.70mm (.814
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com