Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-145T Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A-145T
Description  Krimptite??Butt Splice for 18-22 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

A-145T Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A-145T Datasheet HTML 1Page - Molex Electronics Ltd. A-145T Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191890004
Status:
Active
Description:
Krimptite™ Butt Splice for 18-22 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Splices
Series
19189
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Butt, Krimptite™
Physical
Barrel Type
Closed
Insulation
None
Material - Metal
Copper
Packaging Type
Adhesive Tape on Reel
Wire Size AWG
18, 20, 22
Material Info
Old Part Number
A-145T
Reference - Drawing Numbers
Sales Drawing
SD-19189-008
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19189Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ATP Perishable
Tool Kit used in ATP
presses that process
product on tape
0190270026
Mini-Mac™
Applicator
0638854500
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - A-145T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-14-LC-7-T ETC1-A-14-LC-7-T Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-14-LC-T2 ETC1-A-14-LC-T2 Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-14-LC-TR ETC1-A-14-LC-TR Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-14-LC-TT ETC1-A-14-LC-TT Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-14-LC-XX ETC1-A-14-LC-XX Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
More results

Similar Description - A-145T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192020013 MOLEX4-0192020013 Datasheet
105Kb / 3P
   Nylakrimp??Butt Splice for 18-22 AWG Wire
0191540011 MOLEX4-0191540011 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 18-22 AWG Wire
0191540004 MOLEX4-0191540004 Datasheet
91Kb / 2P
   InsulKrimp??Butt Splice for 18-22 AWG Wire
0191990007 MOLEX4-0191990007 Datasheet
115Kb / 2P
   Butt - Window Splice for 18-22 AWG Wire
0192150009 MOLEX4-0192150009 Datasheet
87Kb / 2P
   VersaKrimp??Butt Splice for 18-22 AWG Wire
0192020063 MOLEX4-0192020063 Datasheet
89Kb / 3P
   Funnel Entry Butt Splice for 18-22 AWG Wire
0192000002 MOLEX4-0192000002 Datasheet
118Kb / 2P
   Avikrimp??Seamless Butt Splice for 18-22 AWG Wire
0191890017 MOLEX4-0191890017 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 10-12 AWG Wire
0191890015 MOLEX4-0191890015 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 10-12 AWG Wire
0191890010 MOLEX4-0191890010 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 14-16 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com