Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA-U-133-10 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # AA-U-133-10
Description  Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 10
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

AA-U-133-10 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  AA-U-133-10 Datasheet HTML 1Page - Molex Electronics Ltd. AA-U-133-10 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192030034
Status:
Active
Description:
Krimptite™ Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 10
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19203
Comments
1200° F (649°C)
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Krimptite™, Temp-Terms
Type
Ring
Physical
Barrel Type
Closed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
10 (M5)
Wire Size AWG
18, 20, 22
Wire Size mm²
0.25 - 1.50
Material Info
Old Part Number
AA-U-133-10
Reference - Drawing Numbers
Sales Drawing
AACD10105
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19203Series
This document was generated on 05/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - AA-U-133-10

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AA-U-133-10T MOLEX4-AA-U-133-10T Datasheet
69Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 10Mylar Tape Carrier
More results

Similar Description - AA-U-133-10

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192030014 MOLEX4-0192030014 Datasheet
111Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 8
0192030005 MOLEX4-0192030005 Datasheet
111Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire
0192030016 MOLEX4-0192030016 Datasheet
111Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire
0192030035 MOLEX4-0192030035 Datasheet
69Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 10Mylar Tape Carrier
0190740007 MOLEX4-0190740007 Datasheet
85Kb / 2P
   Krimptite??Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 10
0192030085 MOLEX4-0192030085 Datasheet
72Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10
0190740013 MOLEX4-0190740013 Datasheet
85Kb / 2P
   Krimptite??Steel Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 10
0192030011 MOLEX4-0192030011 Datasheet
111Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 6,Mylar Tape Carrier
0191410024 MOLEX4-0191410024 Datasheet
62Kb / 2P
   Krimptite??Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 10
0190740004 MOLEX4-0190740004 Datasheet
85Kb / 2P
   Krimptite??Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com