Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

190040005 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 190040005
Description  InsulKrimp??Fully Insulated Coupler, Male, for 14-16 AWG Wire, Box
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

190040005 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  190040005 Datasheet HTML 1Page - Molex Electronics Ltd. 190040005 Datasheet HTML 2Page - Molex Electronics Ltd. 190040005 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190040005
Status:
Active
Description:
InsulKrimp™ Fully Insulated Coupler, Male, for 14-16 AWG Wire, Box
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-008 (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19004
Crimp Quality Equipment
Yes
MolexKits
Yes
Product Name
InsulKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Zinc Chromate
Material - Plating Termination
Zinc Chromate
Material - Resin
Nylon
Orientation
Straight
Packaging Type
Bag
Plating min: Mating (µin)
200
Plating min: Mating (µm)
5
Plating min: Termination (µin)
200
Plating min: Termination (µm)
5
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-65°C to +105°C
Wire Insulation Diameter
4.32mm (.170") max.
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
BB-2262
Reference - Drawing Numbers
Product Specification
PS-19902-008
Sales Drawing
SD-19004-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19004Series
Use With
19005-0005 , 19005-0008 , 19005-0009
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640014700
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640054700


Similar Part No. - 190040005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190040005 MOLEX4-190040005 Datasheet
107Kb / 3P
   InsulKrimp??Fully Insulated Coupler
More results

Similar Description - 190040005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190050005 MOLEX4-0190050005 Datasheet
110Kb / 2P
   InsulKrimp??Fully Insulated Coupler, Female, for 14-16 AWG Wire, Box
0190040008 MOLEX4-0190040008 Datasheet
113Kb / 3P
   InsulKrimp??Fully Insulated Coupler, Male, for 14-16 AWG Wire, Mylar Tape
0190040009 MOLEX4-0190040009 Datasheet
101Kb / 2P
   InsulKrimp??Fully Insulated Coupler, Male, for 10-12 AWG Wire, Box
0190040001 MOLEX4-0190040001 Datasheet
106Kb / 3P
   InsulKrimp??Fully Insulated Coupler, Male, for 18-22 AWG Wire, Box
0190050008 MOLEX4-0190050008 Datasheet
111Kb / 3P
   InsulKrimp??Fully Insulated Coupler, Female, for 14-16 AWG Wire, ContinuousMolded Strip
0190050009 MOLEX4-0190050009 Datasheet
111Kb / 3P
   InsulKrimp??Fully Insulated Coupler, Female, for 14-16 AWG Wire, Mylar Tape
0190040012 MOLEX4-0190040012 Datasheet
101Kb / 3P
   InsulKrimp??Fully Insulated Male Coupler for 10-12 AWG Wire
0190050001 MOLEX4-0190050001 Datasheet
110Kb / 2P
   InsulKrimp??Fully Insulated Coupler, Female, for 18-22 AWG Wire, Box
0190020037 MOLEX3-0190020037 Datasheet
150Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
0190020040 MOLEX3-0190020040 Datasheet
150Kb / 2P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com