Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

193190004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 193190004
Description  Butt Splices VersaKrimp??500-600MCM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

193190004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  193190004 Datasheet HTML 1Page - Molex Electronics Ltd. 193190004 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0193190004
Status:
Active
Overview:
versakrimp_terminals_and_splices
Description:
Butt Splices VersaKrimp™ 500-600MCM
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Splices
Series
19319
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Overview
versakrimp_terminals_and_splices
Product Name
VersaKrimp™
Physical
Barrel Type
Open
Insulation
None
Material - Metal
Copper
Material - Plating Mating
Nickel
Packaging Type
Bag
Wire Size AWG
500MCM, 550MCM, 600MCM
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-19319-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19319Series
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 193190004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
193190001 MOLEX4-193190001 Datasheet
89Kb / 2P
   Butt Splices VersaKrimp??250-350MCM
193190002 MOLEX4-193190002 Datasheet
89Kb / 2P
   Butt Splices VersaKrimp??300-350MCM
193190003 MOLEX4-193190003 Datasheet
89Kb / 2P
   Butt Splices VersaKrimp??350-450MCM
More results

Similar Description - 193190004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0193190001 MOLEX4-0193190001 Datasheet
89Kb / 2P
   Butt Splices VersaKrimp??250-350MCM
0193190003 MOLEX4-0193190003 Datasheet
89Kb / 2P
   Butt Splices VersaKrimp??350-450MCM
0193190002 MOLEX4-0193190002 Datasheet
89Kb / 2P
   Butt Splices VersaKrimp??300-350MCM
logo
PANDUIT CORP.
A41182 PANDUIT-A41182 Datasheet
67Kb / 1P
   NYLON INSULATED BUTT SPLICES
logo
Molex Electronics Ltd.
192150034_SD MOLEX-192150034_SD Datasheet
66Kb / 1P
   VERSAKRIMP BUTT CONNECTORS
logo
PANDUIT CORP.
A41181 PANDUIT-A41181 Datasheet
62Kb / 1P
   EXPANDED VINYL INSULATED BUTT SPLICES
logo
Molex Electronics Ltd.
0190270111 MOLEX-0190270111 Datasheet
38Kb / 2P
   ATP Crimp Dies for VersaKrimp Copper Ring Tongue Terminals And Butt Splices on Tape, 8 AWG
11/02/2021
0192150035 MOLEX4-0192150035 Datasheet
70Kb / 2P
   BUTT SPLICE VERSAKRIMP TAPED (D-354T)
0192150030 MOLEX4-0192150030 Datasheet
85Kb / 2P
   BUTT SPLICE VERSAKRIMP TAPED (CS-346T)
0192150046 MOLEX4-0192150046 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 2 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com