Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194320014 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 194320014
Description  MX150L??2 Circuit Female Sealed Receptacle for 8 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

194320014 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  194320014 Datasheet HTML 1Page - Molex Electronics Ltd. 194320014 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0194320014
Status:
Active
Overview:
mx150l_sealed_connector_system
Description:
MX150L™ 2 Circuit Female Sealed Receptacle for 8 AWG Wire
Documents:
3D Model
Product Specification PS-19432-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E152602
General
Product Family
Crimp Housings
Series
19432
Comments
Mat Seal Color is Red, Polarized to Mating Part
Overview
mx150l_sealed_connector_system
Product Literature Order No
987650-2181
Product Name
MX150L™
Physical
Circuits (maximum)
2
Circuits Detail
1x1
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
N/A
Lock to Mating Part
Yes
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.230 In
Pitch - Mating Interface (mm)
5.84 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
40A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-19432-001
Product Specification
PS-19432-001
Sales Drawing
SD-19432-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19432Series
Mates With
19433-0014 Male Plug
Use With
19434 Female Terminals
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 194320014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
194320014 MOLEX11-194320014 Datasheet
65Kb / 1P
   2 WAY RECEPTACLE ASSEMBLY
More results

Similar Description - 194320014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19432-0014 MOLEX11-19432-0014 Datasheet
48Kb / 2P
   MX150L 2 Circuit Female Sealed Receptacle for 8 AWG Wire
0194320014 MOLEX1-0194320014_18 Datasheet
42Kb / 2P
   MX150L 2 Circuit Female Sealed Receptacle for 8 AWG Wire
0194320013 MOLEX1-0194320013_18 Datasheet
40Kb / 2P
   MX150L 2 Circuit Female Sealed Receptacle for 10-12 AWG Wire
0194320013 MOLEX4-0194320013 Datasheet
98Kb / 2P
   MX150L??2 Circuit Female Sealed Receptacle for 10-12 AWG Wire
19432-0013 MOLEX11-19432-0013 Datasheet
46Kb / 2P
   MX150L 4 Circuit Female Receptacle for 8 AWG Wire
0194320002 MOLEX4-0194320002 Datasheet
106Kb / 2P
   MX150L??4 Circuit Female Receptacle for 8 AWG Wire
0194320002 MOLEX1-0194320002_18 Datasheet
40Kb / 2P
   MX150L 4 Circuit Female Receptacle for 8 AWG Wire
19432-0002 MOLEX11-19432-0002 Datasheet
47Kb / 2P
   MX150L 4 Circuit Female Receptacle for 8 AWG Wire
19433-0014 MOLEX11-19433-0014 Datasheet
49Kb / 2P
   MX150L 2 Circuit Plug for 8 AWG Wire
0194330014 MOLEX1-0194330014_18 Datasheet
42Kb / 2P
   MX150L 2 Circuit Plug for 8 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com