Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190190052 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0190190052
Description  Avikrimp??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190190052 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0190190052 Datasheet HTML 1Page - Molex Electronics Ltd. 0190190052 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0190190052

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190190050 MOLEX4-0190190050 Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Mylar Tape, Tab4.75mm (.187") x 0.81mm (.032")
0190190051 MOLEX4-0190190051 Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect
0190190054 MOLEX4-0190190054 Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
0190190055 MOLEX4-0190190055 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Metal Strip, Tab4.75mm (.187") x 0.51mm (.020
0190190056 MOLEX4-0190190056 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Metal Strip, Tab4.75mm (.187") x 0.81mm (.032")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com