Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0193180308 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0193180308
Description  VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size 3/0 AWG, 5/16
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0193180308 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0193180308 Datasheet HTML 1Page - Molex Electronics Ltd. 0193180308 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0193180308
Status:
Active
Overview:
versakrimp_terminals_and_splices
Description:
VersaKrimp™ SL Ring Type Connectors, Tin Plated Copper, Wire Size 3/0 AWG, 5/16"
Stud Size
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Ring and Spade Terminals
Series
19318
Comments
200.0A
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Overview
versakrimp_terminals_and_splices
Product Name
VersaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Metal
Copper
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
5/16" (M8)
Wire Size AWG
3/0
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-19318-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19318Series
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0193180308

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0193180310 MOLEX4-0193180310 Datasheet
138Kb / 2P
   VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size 3/0 AWG, 3/8"Stud Size
0193180312 MOLEX4-0193180312 Datasheet
138Kb / 2P
   VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size 3/0 AWG, 1/2
More results

Similar Description - 0193180308

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0193180408 MOLEX4-0193180408 Datasheet
138Kb / 2P
   VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size 4/0 AWG, 5/16"Stud Size
0193180312 MOLEX4-0193180312 Datasheet
138Kb / 2P
   VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size 3/0 AWG, 1/2
0193180310 MOLEX4-0193180310 Datasheet
138Kb / 2P
   VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size 3/0 AWG, 3/8"Stud Size
0193180410 MOLEX4-0193180410 Datasheet
138Kb / 2P
   VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size 4/0 AWG, 3/8"Stud Size
0193180412 MOLEX4-0193180412 Datasheet
138Kb / 2P
   VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size 4/0 AWG, 1/2"Stud Size
0193171008 MOLEX4-0193171008 Datasheet
372Kb / 5P
   VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size250MCM-300MCM, 5/16" Stud Size
0193173008 MOLEX4-0193173008 Datasheet
372Kb / 5P
   VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size350MCM-450MCM, 5/16" Stud Size
0193174008 MOLEX4-0193174008 Datasheet
372Kb / 5P
   VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size 500MCM-600MCM, 5/16" Stud Size
0193172008 MOLEX4-0193172008 Datasheet
372Kb / 5P
   VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size300MCM-350MCM, 5/16" Stud Size
0193171024 MOLEX4-0193171024 Datasheet
372Kb / 2P
   VersaKrimp??SL Ring Type Connectors, Tin Plated Copper, Wire Size250MCM-300MCM, 5/16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com