Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA-2220XT Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # AA-2220XT
Description  Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar TapeTab 6.35mm (.250
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

AA-2220XT Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  AA-2220XT Datasheet HTML 1Page - Molex Electronics Ltd. AA-2220XT Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - AA-2220XT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AA-2220XT MOLEX4-AA-2220XT Datasheet
114Kb / 2P
   Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab6.35mm (.250") x 0.81mm (.032")
More results

Similar Description - AA-2220XT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190070004 MOLEX4-0190070004 Datasheet
113Kb / 2P
   Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar TapeTab 6.35mm (.250") x 0.81mm (.03
0190070012 MOLEX4-0190070012 Datasheet
87Kb / 2P
   Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire
0190070016 MOLEX4-0190070016 Datasheet
87Kb / 2P
   Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar TapeTab 4.75mm (.187") x 0.81mm (.03
0190070010 MOLEX4-0190070010 Datasheet
87Kb / 2P
   Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar TapeTab 4.75mm (.187") x 0.51mm (.02
0190030010 MOLEX3-0190030010 Datasheet
177Kb / 3P
   InsulKrimp Quick Disconnect, Female, for 18-22 (0.80-0.35), Mylar Tape
0190070008 MOLEX4-0190070008 Datasheet
115Kb / 3P
   Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Metal StripTab 6.35mm (.250") x 0.81mm
0190080004 MOLEX4-0190080004 Datasheet
109Kb / 2P
   Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar TapeTab 4.75mm (.187") x 0.51mm (.020
0190030003 MOLEX3-0190030003 Datasheet
223Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35), Mylar Tape, Tab 6.35mm (.250") x 0.81mm (.032")
0190080007 MOLEX4-0190080007 Datasheet
109Kb / 2P
   Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape,Tab 6.35mm (.250") x 0.81mm (.032
0190070001 MOLEX4-0190070001 Datasheet
114Kb / 2P
   Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab6.35mm (.250") x 0.81mm (.032")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com