Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1110N401B Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1110N401B
Description  LOW NOISE 150mA L.D.O REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1110N401B Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1110N401B Datasheet HTML 1Page - RICOH electronics devices division R1110N401B Datasheet HTML 2Page - RICOH electronics devices division R1110N401B Datasheet HTML 3Page - RICOH electronics devices division R1110N401B Datasheet HTML 4Page - RICOH electronics devices division R1110N401B Datasheet HTML 5Page - RICOH electronics devices division R1110N401B Datasheet HTML 6Page - RICOH electronics devices division R1110N401B Datasheet HTML 7Page - RICOH electronics devices division R1110N401B Datasheet HTML 8Page - RICOH electronics devices division R1110N401B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
1
LOW NOISE 150mA L.D.O REGULATOR
R1110N SERIES
OUTLINE
The R1110N Series are voltage regulator ICs with high output voltage accuracy, lowest supply current, low ON Resistance
and high Ripple Rejection by CMOS process. Each of these voltage regulator ICs consists of a voltage reference unit, an
error amplifier, resistors, a current limit circuit and a chip enable circuit.
These ICs perform with low dropout voltage and a chip enable function.
The Dynamic Response to line and load is fast, so these ICs are very suitable for the power supply for handheld communi-
cation equipment.
The output voltage of these ICs is fixed with high accuracy.
Since the package for these ICs are SOT-23-5(Mini-mold)package, high density mounting of the ICs on boards is possible.
FEATURES
• Ultra-Low Supply Current .....................TYP. 35µA
• Standby Current .....................................TYP. 0.1µA
• Dropout Voltage .....................................TYP. 0.2V (IOUT=100mA)
• High Ripple Rejection............................TYP. 70dB (f=1kHz)
• High Accuracy Output Voltage ............±2.0%
• Low Temperature-Drift Coefficient of
Output Voltage .......................................TYP. ±100ppm/˚C
• Excellent Line Regulation .....................TYP. 0.05%/V
• Pinout.......................................................Similar to the LP2980
• Small Package.........................................SOT-23-5 (Mini-mold)
APPLICATIONS
• Power source for portable communication tools, cameras and VCRs.
• Power source for battery-powered equipment.
• Power source for domestic appliances.


Similar Part No. - R1110N401B

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R11102 HAMAMATSU-R11102 Datasheet
45Kb / 2P
   PHOTOMULTIPLIER TUBE
R11102-01 HAMAMATSU-R11102-01 Datasheet
45Kb / 2P
   PHOTOMULTIPLIER TUBE
More results

Similar Description - R1110N401B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1120N RICOH-R1120N Datasheet
187Kb / 24P
   LOW NOISE 150mA L.D.O REGULATOR?
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com