Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190990028 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0190990028
Description  InsulKrimp??Snap Spade for 16-14 AWG Wire, Stud Size 6, Mylar Tape Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190990028 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0190990028 Datasheet HTML 1Page - Molex Electronics Ltd. 0190990028 Datasheet HTML 2Page - Molex Electronics Ltd. 0190990028 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190990028
Status:
Active
Description:
InsulKrimp™ Snap Spade for 16-14 AWG Wire, Stud Size 6, Mylar Tape Carrier
Documents:
Drawing (PDF)
Product Specification PS-19902-009 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19099
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Spade Snap
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-2
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Stud Size
5-6 (M3-3.5)
Wire Insulation Diameter
4.40mm (.175") max.
Wire Size AWG
14, 16
Wire Size mm²
1.00 - 2.60
Material Info
Old Part Number
BB-2707-06XT
Reference - Drawing Numbers
Product Specification
PS-19902-009
Sales Drawing
BBCD20502
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19099Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for
MTA-100 Tape
Applicator used in
3BF Press, MTA-105
Tape Applicator used
in TM-2000™ Press,
and ATP-301 Air
Crimping Press for
Mylar Tape Mounted
Terminals
0192880123
Mini-Mac™
Applicator
0638850400


Similar Part No. - 0190990028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190990025 MOLEX4-0190990025 Datasheet
70Kb / 3P
   InsulKrimp??Snap Spade Terminal for 14-16 AWG Wire
0190990026 MOLEX4-0190990026 Datasheet
70Kb / 3P
   InsulKrimp??Snap Spade for 16-14 AWG Wire, Stud Size 05, Mylar Tape Carrier
0190990027 MOLEX4-0190990027 Datasheet
70Kb / 3P
   InsulKrimp??Snap Spade Terminal for 14-16 AWG Wire
More results

Similar Description - 0190990028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190990026 MOLEX4-0190990026 Datasheet
70Kb / 3P
   InsulKrimp??Snap Spade for 16-14 AWG Wire, Stud Size 05, Mylar Tape Carrier
0190990051 MOLEX4-0190990051 Datasheet
65Kb / 3P
   InsulKrimp??Snap Spade for 10-12 AWG Wire, Stud Size 10, Mylar Tape Carrier
0190990014 MOLEX4-0190990014 Datasheet
63Kb / 3P
   InsulKrimp??Snap Spade for 18-22 AWG Wire, Stud Size 8, Mylar Tape Carrier
0190990016 MOLEX4-0190990016 Datasheet
63Kb / 3P
   InsulKrimp??Snap Spade for 18-22 AWG Wire, Stud Size 10, Mylar Tape Carrier
0190990035 MOLEX4-0190990035 Datasheet
63Kb / 3P
   InsulKrimp??Snap Spade for 16-14 AWG Wire, Stud Size 10, Mylar Tape CarrierLength 23.34mm (.919")
0190980019 MOLEX4-0190980019 Datasheet
94Kb / 2P
   Krimptite??Snap Spade Tap for 18-22 AWG Wire, Stud Size 5-6, Mylar Tape Carrier
0334820801 MOLEX4-0334820801 Datasheet
384Kb / 2P
   Krimptite??Snap Spade Tap for 18-22 AWG Wire, Stud Size 5-6, Mylar Tape Carrier
0190710184 MOLEX4-0190710184 Datasheet
171Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 14, Mylar Tape Carrier
0191210010 MOLEX4-0191210010 Datasheet
129Kb / 3P
   InsulKrimp??Flanged Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 10,Mylar Tape Carrier
0192120006 MOLEX4-0192120006 Datasheet
101Kb / 2P
   InsulKrimp??Wire Pin Terminal for 16-14 AWG Wire, Mylar Tape Carrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com