Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1110N501A Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1110N501A
Description  LOW NOISE 150mA L.D.O REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1110N501A Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1110N501A Datasheet HTML 5Page - RICOH electronics devices division R1110N501A Datasheet HTML 6Page - RICOH electronics devices division R1110N501A Datasheet HTML 7Page - RICOH electronics devices division R1110N501A Datasheet HTML 8Page - RICOH electronics devices division R1110N501A Datasheet HTML 9Page - RICOH electronics devices division R1110N501A Datasheet HTML 10Page - RICOH electronics devices division R1110N501A Datasheet HTML 11Page - RICOH electronics devices division R1110N501A Datasheet HTML 12Page - RICOH electronics devices division R1110N501A Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
R1110N
6
• ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
Dropout Voltage
Line Regulation
VDIF (V)
∆VOUT/∆VIN(%/V)
Conditions
TYP.
MAX.
Conditions
TYP.
MAX.
2.0
≤VOUT≤2.4
0.30
0.70
2.5
≤VOUT≤2.7
0.24
0.35
0.05
0.20
2.8
≤VOUT≤3.3
0.20
0.30
3.4
≤VOUT≤6.0
0.17
0.26
Topt=25˚C
IOUT=100mA
IOUT=30mA
setVOUT+0.7V
≤VIN≤8V
IOUT=30mA
setVOUT+0.5V
≤VIN≤8V
Output Voltage VOUT (V)
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VOUT
Output Voltage
VIN–setVOUT=1.0V
×0.98
×1.02
V
1mA
≤IOUT≤30mA
IOUT
Output Current
VIN–setVOUT=1.0V
150
mA
when VOUT=setVOUT–0.1V
∆VOUT
Load Regulation
VIN–setVOUT=1.0V
12
40
mV
∆IOUT
1mA
≤IOUT≤80mA
VDIF
Dropout Voltage
Iss
Supply Current
VIN–setVOUT=1.0V
35
70
µA
Istandby
Standby Current
VIN–setVOUT=1.0V, VCE=GND
0.1
1.0
µA
∆VOUT
Line Regulation
∆VIN
RR
Ripple Rejection
f=1kHz, Ripple 0.5Vp-p
70
dB
VIN–setVOUT=1.0V
VIN
Input Voltage
2.7
8
V
∆VOUT
Output Voltage
IOUT=30mA
±100
ppm/˚C
∆Topt
Temperature Coefficient
–40˚C
≤Topt≤85˚C
Ilim
Short Current Limit
VOUT=0V
50
mA
RPD
Pull down resistance for CE pin
2.5
5
10
M
VCEH
CE Input Voltage “H”
1.5
VIN
V
VCEL
CE Input Voltage “L”
0
0.25
V
en
Output Noise
BW=10Hz to 100kHz
60
µVrms
Topt=25˚C
refer to the ELECTICAL CHARACTREISTICS by OUTPUT VOLTAGE
refer to the ELECTICAL CHARACTREISTICS by OUTPUT VOLTAGE


Similar Part No. - R1110N501A

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R11102 HAMAMATSU-R11102 Datasheet
45Kb / 2P
   PHOTOMULTIPLIER TUBE
R11102-01 HAMAMATSU-R11102-01 Datasheet
45Kb / 2P
   PHOTOMULTIPLIER TUBE
More results

Similar Description - R1110N501A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1120N RICOH-R1120N Datasheet
187Kb / 24P
   LOW NOISE 150mA L.D.O REGULATOR?
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com