Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1112N151B Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1112N151B
Description  LOW NOISE 150mA LDO REGULATOR???
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1112N151B Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1112N151B Datasheet HTML 3Page - RICOH electronics devices division R1112N151B Datasheet HTML 4Page - RICOH electronics devices division R1112N151B Datasheet HTML 5Page - RICOH electronics devices division R1112N151B Datasheet HTML 6Page - RICOH electronics devices division R1112N151B Datasheet HTML 7Page - RICOH electronics devices division R1112N151B Datasheet HTML 8Page - RICOH electronics devices division R1112N151B Datasheet HTML 9Page - RICOH electronics devices division R1112N151B Datasheet HTML 10Page - RICOH electronics devices division R1112N151B Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
R1112N
6
OPERATION
R1112NXX1A
R1112NXX1B
VDD
15
2
3
VOUT
GND
R2
R1
CE
Current Limit
Vref
VDD
15
2
3
VOUT
GND
R2
R1
CE
Current Limit
Vref
,Q#WKHVH#,&V/#IOXFWXDWLRQ#RI#2XWSXW#9ROWDJH/#9287#LV#GHWHFWHG#E\#)HHG0EDFN#5HJLVWHUV#54/#55/#DQG#WKH#UHVXOW#LV#FRP0
SDUHG#ZLWK#D#UHIHUHQFH#YROWDJH#E\#(UURU#$PSOLILHU/#VR#WKDW#D#FRQVWDQW#YROWDJH#LV#RXWSXW1#$#FXUUHQW#OLPLW#FLUFXLW#IRU#SUR0
WHFWLRQ#DW#VKRUW#PRGH#DQG#D#FKLS#HQDEOH#FLUFXLW#DUH#LQFOXGHG1
TECHNICAL NOTES
:KHQ#XVLQJ#WKHVH#,&V/#FRQVLGHU#WKH#IROORZLQJ#SRLQWV=
3KDVH#&RPSHQVDWLRQ
,Q#WKHVH#,&V/#SKDVH#FRPSHQVDWLRQ#LV#PDGH#IRU#VHFXULQJ#VWDEOH#RSHUDWLRQ#HYHQ#LI#WKH#ORDG#FXUUHQW#LV#YDULHG1#)RU#WKLV
SXUSRVH/#EH#VXUH#WR#XVH#D#FDSDFLWRU#&287#ZLWK#JRRG#IUHTXHQF\#FKDUDFWHULVWLFV#DQG#(65#+(TXLYDOHQW#6HULHV#5HVLVWDQFH,1
:H#XVH#&HUDPLF#&DSDFLWRUV#IRU#HYDOXDWLRQ#RI#WKHVH#,&V1
5HFRPPHQGHG#&DSDFLWRUV> *5073;85558.916#+0XUDWD,
*50730367;85668.916#+0XUDWD,
*50730367;857:8.916#+0XUDWD,
+1RWH=#:KHQ#WKH#DGGLWLRQDO#FHUDPLF#FDSDFLWRUV#DUH#FRQQHFWHG#WR#WKH#2XWSXW#3LQ#ZLWK#2XWSXW#FDSDFLWRU#IRU#SKDVH#FRP0
SHQVDWLRQ/#WKH#RSHUDWLRQ#PLJKW#EH#XQVWDEOH1#%HFDXVH#RI#WKLV/#WHVW#WKHVH#,&V#ZLWK#DV#VDPH#H[WHUQDO#FRPSRQHQWV#DV#RQHV
WR#EH#XVHG#RQ#WKH#3&%1,
3&%#/D\RXW
0DNH#9''#DQG#*1'#OLQH#VXIILFLHQW1#:KHQ#WKH#LPSHGDQFH#RI#WKHVH#LV#KLJK/#LW#ZRXOG#EH#D#FDXVH#RI#SLFNLQJ#XS#WKH#QRLVH
RU#XQVWDEOH#RSHUDWLRQ1#&RQQHFW#D#FDSDFLWRU#ZLWK#D#FDSDFLWDQFH#YDOXH#RI#515µ)#RU#PRUH#EHWZHHQ#9''#DQG#*1'#SLQ#DV
FORVH#DV#SRVVLEOH1
6HW#H[WHUQDO#FRPSRQHQWV/#HVSHFLDOO\#RXWSXW#FDSDFLWRU#DV#FORVH#DV#SRVVLEOH#WR#WKH#,&V#DQG#PDNH#ZLULQJ#VKRUWHVW1


Similar Part No. - R1112N151B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1112N RICOH-R1112N Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - R1112N151B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com