Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190740023 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0190740023
Description  Krimptite??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 8
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190740023 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0190740023 Datasheet HTML 1Page - Molex Electronics Ltd. 0190740023 Datasheet HTML 2Page - Molex Electronics Ltd. 0190740023 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190740023
Status:
Active
Description:
Krimptite™ Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 8
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19074
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Krimptite™
Type
Ring
Physical
Barrel Type
Closed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
8 (M4)
Wire Size AWG
14, 16
Wire Size mm²
1.00 - 2.60
Electrical
Voltage - Maximum
300V
Material Info
Old Part Number
SRB-S-129-08
Reference - Drawing Numbers
Sales Drawing
CD1115, SD-19074-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19074Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640031200
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640071200
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0190740023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190740020 MOLEX4-0190740020 Datasheet
79Kb / 2P
   Krimptite??Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10, Mylar TapeCarrier
0190740021 MOLEX4-0190740021 Datasheet
79Kb / 2P
   Krimptite??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 6
0190740024 MOLEX4-0190740024 Datasheet
63Kb / 2P
   Krimptite??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 8, MylarTape Carrier
0190740025 MOLEX4-0190740025 Datasheet
63Kb / 2P
   Krimptite??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10
0190740026 MOLEX4-0190740026 Datasheet
63Kb / 2P
   Krimptite??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10, MylarTape Carrier
More results

Similar Description - 0190740023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190740025 MOLEX4-0190740025 Datasheet
63Kb / 2P
   Krimptite??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10
0190740021 MOLEX4-0190740021 Datasheet
79Kb / 2P
   Krimptite??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 6
0190740024 MOLEX4-0190740024 Datasheet
63Kb / 2P
   Krimptite??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 8, MylarTape Carrier
0190740019 MOLEX4-0190740019 Datasheet
79Kb / 2P
   Krimptite??Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10
0190750021 MOLEX4-0190750021 Datasheet
87Kb / 2P
   InsulKrimp??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 8
0190770023 MOLEX4-0190770023 Datasheet
111Kb / 2P
   Avikrimp??Steel Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 8
0190740026 MOLEX4-0190740026 Datasheet
63Kb / 2P
   Krimptite??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10, MylarTape Carrier
0190740018 MOLEX4-0190740018 Datasheet
79Kb / 2P
   Krimptite??Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 8, Mylar TapeCarrier
0190740011 MOLEX4-0190740011 Datasheet
85Kb / 2P
   Krimptite??Steel Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 8
0190750023 MOLEX4-0190750023 Datasheet
87Kb / 2P
   InsulKrimp??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com