Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14551B Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC14551B
Description  Quad 2-Channel Analog Multiplezer/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14551B Datasheet(HTML) 5 Page - Motorola, Inc

  MC14551B Datasheet HTML 1Page - Motorola, Inc MC14551B Datasheet HTML 2Page - Motorola, Inc MC14551B Datasheet HTML 3Page - Motorola, Inc MC14551B Datasheet HTML 4Page - Motorola, Inc MC14551B Datasheet HTML 5Page - Motorola, Inc MC14551B Datasheet HTML 6Page - Motorola, Inc MC14551B Datasheet HTML 7Page - Motorola, Inc MC14551B Datasheet HTML 8Page - Motorola, Inc MC14551B Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
5
MC14551B
TEST CIRCUITS
Figure 3.
∆V Across Switch
Figure 4. Propagation Delay Times,
Control to Output
CONTROL
SECTION
OF IC
SOURCE
V
LOAD
ON SWITCH
PULSE
GENERATOR
CONTROL
Vout
CL
RL
VDD VEE VEE VDD
Figure 5. Bandwidth and Off–Channel
Feedthrough Attenuation
Figure 6. Channel Separation
(Adjacent Channels Used for Setup)
CONTROL
Vout
CL = 50 pF
RL
Vin
CONTROL
CL = 50 pF
RL
Vout
RL
OFF
ON
Vin
VDD – VEE
2
Figure 7. Crosstalk, Control Input
to Common O/I
Figure 8. Off Channel Leakage
CONTROL
Vout
CL = 50 pF
RL
R1
CONTROL
SECTION
OF IC
OFF CHANNEL UNDER TEST
OTHER
CHANNEL(S)
VDD
VEE
VEE
VDD
VEE
VDD
Control input used to turn ON or OFF
the switch under test.
VDD – VEE
2


Similar Part No. - MC14551B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
MC14551B ONSEMI-MC14551B Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC14551BCP ONSEMI-MC14551BCP Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551BCP ONSEMI-MC14551BCP Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
More results

Similar Description - MC14551B

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC14551B ONSEMI-MC14551B_06 Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com