Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1211X Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1211X
Description  Step-up DC/DC Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1211X Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1211X Datasheet HTML 4Page - RICOH electronics devices division R1211X Datasheet HTML 5Page - RICOH electronics devices division R1211X Datasheet HTML 6Page - RICOH electronics devices division R1211X Datasheet HTML 7Page - RICOH electronics devices division R1211X Datasheet HTML 8Page - RICOH electronics devices division R1211X Datasheet HTML 9Page - RICOH electronics devices division R1211X Datasheet HTML 10Page - RICOH electronics devices division R1211X Datasheet HTML 11Page - RICOH electronics devices division R1211X Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Rev. 1.10
- 8 -
q
R1211X002D
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VIN
Operating Input Voltage
2.5
6.0
V
VFB
VFB Voltage Tolerance
VIN=3.3V
0.985
1.000
1.015
V
∆VFB/
∆T
VFB Voltage
Temperature Coefficient
-40
°C≤ Topt ≤ 85°C
±150
ppm/
°C
IFB
VFB Input Current
VIN=6V, VFB=0V or 6V
-0.1
0.1
µA
fOSC
Oscillator Frequency
VIN=3.3V, VDLY=VFB=0V
240
300
360
kHz
∆fOSC/
∆T
Oscillator Frequency
Temperature Coefficient
-40
°C≤ Topt ≤ 85°C
±0.6
kHz/
°C
IDD1
Supply Current 1
VIN=6V, VDLY=VFB=0V, EXT at no load
300
500
µA
maxdty Maximum Duty Cycle
VIN=3.3V, EXT “H” side
82
90
94
%
REXTH EXT “H” ON Resistance
VIN=3.3V, IEXT=-20mA
5
10
REXTL
EXT “L” ON Resistance
VIN=3.3V, IEXT=20mA
3
6
IDLY1
Delay Pin Charge Current VIN=3.3V, VDLY=VFB=0V
2.0
4.5
7.0
µA
IDLY2
Delay Pin Discharge Current VIN=VFB=2.5V, VDLY=0.1V
2.5
5.5
9.0
mA
VDLY
Delay Pin Detector Threshold
VIN=3.3V, VFB=0V, VDLY=0V
→2V
0.95
1.00
1.05
V
TSTART Soft-start Time
VIN=3.3V
5.0
10.5
16.0
ms
VUVLO1 UVLO Detector Threshold VIN=3.3V
→0V, VDLY=VFB=0V
2.1
2.2
2.3
V
VUVLO2 UVLO Detector Hysteresis VIN=0V
→3.3V, VDLY=VFB=0V
0.08
0.13
0.18
V
ISTB
Standby Current
VIN=6V, VCE=0V
0
1
µA
ICEH
CE “H” Input Current
VIN=6V, VCE=6V
-0.5
0.5
µA
ICEL
CE “L” Input Current
VIN=6V, VCE=0V
-0.5
0.5
µA
VCEH
CE “H” Input Voltage
VIN=6V, VCE=0V
→6V
1.5
V
VCEL
CE “L” Input Voltage
VIN=2.5V, VCE=2V
→0V
0.3
V


Similar Part No. - R1211X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1211D002A RICOH-R1211D002A Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211D002B RICOH-R1211D002B Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211D002C RICOH-R1211D002C Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211D002D RICOH-R1211D002D Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211D100A RICOH-R1211D100A Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
More results

Similar Description - R1211X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
   Step-up DC-DC Controller IC
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
L3380 UTC-L3380 Datasheet
166Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC9120 TOREX-XC9120 Datasheet
274Kb / 17P
   Step-Up DC/DC Controller IC,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com