Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1121N181A-TR Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1121N181A-TR
Description  LOW NOISE 150mA LDO REGULATOR???
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1121N181A-TR Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1121N181A-TR Datasheet HTML 3Page - RICOH electronics devices division R1121N181A-TR Datasheet HTML 4Page - RICOH electronics devices division R1121N181A-TR Datasheet HTML 5Page - RICOH electronics devices division R1121N181A-TR Datasheet HTML 6Page - RICOH electronics devices division R1121N181A-TR Datasheet HTML 7Page - RICOH electronics devices division R1121N181A-TR Datasheet HTML 8Page - RICOH electronics devices division R1121N181A-TR Datasheet HTML 9Page - RICOH electronics devices division R1121N181A-TR Datasheet HTML 10Page - RICOH electronics devices division R1121N181A-TR Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Rev.1.11
- 7 -
s TYPICAL CHARACTERISTICS
1)
Output Voltage vs. Output Current
R1121N181B
R1121N301B
2.0
3.8V
2.8V
2.3V
VIN = 2.1V
Topt = 25
°C
1.8
1.6
1.0
0.8
0.6
0.4
0.2
1.4
1.2
0.0
Output Current IOUT (mA)
0
200
300
400
500
100
3.5
5.0V
4.0V
3.5V
VIN = 3.3V
Topt = 25
°C
2.5
1.5
1.0
0.5
2.0
3.0
0.0
Output Current IOUT (mA)
0
200
300
400
500
100
R1121N401B
R1121N501B
5.0
6.0V
Topt = 25
°C
5.0V
4.5V
VIN = 4.3V
4.5
4.0
2.5
2.0
1.5
1.0
0.5
3.5
3.0
0.0
Output Current IOUT (mA)
0
200
300
400
500
100
6.0
7.0V
Topt = 25
°C
6.0V
5.5V
VIN = 5.3V
5.0
3.0
2.0
1.0
4.0
0.0
Output Current IOUT (mA)
0
200
300
400
500
100
2)
Output Voltage vs. Input Voltage
R1121N181B
R1121N301B
2.0
Topt = 25
°C
IOUT = 1mA
30mA
50mA
1.9
1.8
1.7
1.6
1.5
1.4
1.2
1.3
Input Voltage VIN (V)
1.0
4.0
5.0
6.0
7.0
8.0
2.0
3.0
3.1
3.0
2.9
2.8
2.7
2.5
2.6
Input Voltage VIN (V)
2.0
4.0
5.0
6.0
7.0
8.0
3.0
Topt = 25
°C
30mA
50mA
IOUT=1mA


Similar Part No. - R1121N181A-TR

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1121N151H-TR-FE NISSHINBO-R1121N151H-TR-FE Datasheet
295Kb / 18P
   LOW NOISE 150mA LDO REGULATOR
R1121N151L-TR-FE NISSHINBO-R1121N151L-TR-FE Datasheet
295Kb / 18P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1121N15A1-TR-FE RICOH-R1121N15A1-TR-FE Datasheet
233Kb / 18P
   LOW NOISE 150mA LDO REGULATOR
R1121N15B1-TR-FE RICOH-R1121N15B1-TR-FE Datasheet
233Kb / 18P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - R1121N181A-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com