Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1210N601A Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1210N601A
Description  PWM Step-up DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1210N601A Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1210N601A Datasheet HTML 1Page - RICOH electronics devices division R1210N601A Datasheet HTML 2Page - RICOH electronics devices division R1210N601A Datasheet HTML 3Page - RICOH electronics devices division R1210N601A Datasheet HTML 4Page - RICOH electronics devices division R1210N601A Datasheet HTML 5Page - RICOH electronics devices division R1210N601A Datasheet HTML 6Page - RICOH electronics devices division R1210N601A Datasheet HTML 7Page - RICOH electronics devices division R1210N601A Datasheet HTML 8Page - RICOH electronics devices division R1210N601A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PWM Step-up DC/DC Converter
R1210N××1× Series
1
OUTLINE
The R1210N××1× Series are PWM step-up DC/DC Converter, with high accuracy, low supply current by CMOS
process.
Each of the R1210N××1× Series consists of an oscillator, a PWM circuit, a reference voltage unit, an error amplifier,
phase compensation circuit, resistors for voltage detection, a chip enable circuit. Further, includes a controller against
drastic load transient, a control transistor with low ON-Resistance, ‘LX switch’, and a protection circuit for LX switch
and an output voltage detector. R1210N××1A Series contain further a circuit for changeover oscillator frequency each.
A low ripple, high efficiency step-up DC/DC converter can be composed of this IC with only three external compo-
nents, or an inductor, a diode and a capacitor.
The R1210N Series can detect drastic change of output voltage with a circuit controller. The load transient re-
sponse is improved compared with current model, furthermore the R1210N××1A Series have another function, that is,
when the load current is small, oscillator frequency is decreased by a circuit for switching oscillator frequency from
TYP. 100kHz to 35kHz, therefore, supply current is reduced.
The built-in chip enable circuit can make the standby mode with ultra low quiescent current.
Since the package for these ICs is small SOT-23-5, high density mounting of the ICs on board is possible.
FEATURES
• External Components ................................................................. Only an inductor, a diode, and a capacitor
• Standby Current ......................................................................... TYP. 0µA
• Low Temperature-Drift Coefficient of Output Voltage.............. TYP. ±100ppm/°C
• Output Voltage............................................................................. Stepwise Setting with a step of 0.1V in the range of
2.2V to 6.0V (××1C/D)
2.2V to 3.5V (××1A)
• Two choices of Basic Oscillator Frequency................................ 100kHz (××1A/C), 180kHz (××1D)
• Small Package.............................................................................. SOT-23-5 (Mini-mold)
• High Efficiency ............................................................................ TYP. 88%
(VIN=Set Output Voltage×0.6 [V], IOUT=10mA)
• Low Ripple, Low Noise
• Built-in a driver transistor with low on-resistance
• Start-up Voltage........................................................................... MAX. 0.9V
• Basic Frequency change-over circuit (only for ××1A type)....... from TYP. 100kHz to 35kHz


Similar Part No. - R1210N601A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N601C RICOH-R1210N601C Datasheet
28Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS R1210N SERIES MARK SPECIFICATION
R1210N601D RICOH-R1210N601D Datasheet
28Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS R1210N SERIES MARK SPECIFICATION
More results

Similar Description - R1210N601A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
   28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
Unisonic Technologies
UC3551 UTC-UC3551 Datasheet
160Kb / 6P
   ADVANCED PWM STEP-UP DC-DC CONVERTER
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com