Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1221N25AA Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1221N25AA
Description  Step-down DC/DC Converter with Voltage Detector
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1221N25AA Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1221N25AA Datasheet HTML 1Page - RICOH electronics devices division R1221N25AA Datasheet HTML 2Page - RICOH electronics devices division R1221N25AA Datasheet HTML 3Page - RICOH electronics devices division R1221N25AA Datasheet HTML 4Page - RICOH electronics devices division R1221N25AA Datasheet HTML 5Page - RICOH electronics devices division R1221N25AA Datasheet HTML 6Page - RICOH electronics devices division R1221N25AA Datasheet HTML 7Page - RICOH electronics devices division R1221N25AA Datasheet HTML 8Page - RICOH electronics devices division R1221N25AA Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
12345
Rev. 1.11
- 4 -
n
n
n
n ELECTRICAL CHARACTERISTICS
lR1221N***A(C,E,G) Output Voltage : Vo, Detector Threshold : VD
(Topt=25
°C)
Symbol
Item
Conditions
MIN. TYP. MAX. Note* Unit
VIN
Operating Input Voltage
2.3
13.2
V
VOUT
Step-down Output Voltage
VIN=VCE=Vo+1.2V, IOUT=-10mA
Vo
´
0.98
Vo
Vo
´
1.02
AV
DVOUT/
DT
Step-down Output Voltage
Temperature Coefficient
-40
°C £ Topt £ 85°C
±100
ppm/
°C
fosc
Oscillator Frequency
VIN=VCE=Vo+1.2V, IOUT=-100mA
240
300
360
A
kHz
DfOSC/
DT
Frequency Temperature
Coefficient
-40
°C £ Topt £ 85°C
±0.3
%/
°C
IDD1
Supply Current1
VIN=13.2V,VCE=13.2V,VOUT=13.2V
100
160
B
mA
Istb
Standby Current
VIN=13.2V,VCE=0V,VOUT=0V
0
0.5
C
mA
IEXTH
EXT "H" Output Current
VIN=8V,VEXT=7.9V,VOUT=8V,VCE=8V
-10
-6
D
mA
IEXTL
EXT "L" Output Current
VIN=8V,VEXT=0.1V,VOUT=0V,VCE=0V
10
20
D
mA
ICEH
CE "H" Input Current
VIN=13.2V,VCE=13.2V,VOUT=13.2V
0
0.5
E
mA
ICEL
CE "L" Input Current
VIN=13.2V,VCE=0V,VOUT=13.2V
-0.5
0
E
mA
VCEH
CE "H" Input Voltage
VIN=8V,VCE=0V
®1.5V
0.8
1.2
F
V
VCEL
CE "L" Input Voltage
VIN=8V,VCE=1.5V
®0V
0.3
0.8
F
V
Maxdty
Oscillator Maximum Duty Cycle
100
%
VFMdty
VFM Duty Cycle
Applied to B and F versions only
25
%
Tstart
Delay Time by Soft-Start
function
VIN=Vo+1.2V,VCE=0V
®Vo+1.2V
At 80% of rising
5
1016F
ms
Tprot
Delay Time for protection circuit VIN=Vo+1.2V,VCE=Vo+1.2V
®0V
135
G
ms
IVDLK
VDOUT Output Leakage Current VIN=VOUT=VCE=VDOUT=8V
0
0.5
I
mA
IVDL
VDOUT “L” Output Current
VIN=VOUT=2.3V, VCE=0V, VDOUT=0.1V
0.5
1
I
mA
-VDET
Detector Threshold
VIN=6V, VCE=6V, VOUT=VD
´1.2V®0V VD´
0.98
VD
VD
´
1.02
JV
tVDET
Output Delay Time for Released
Voltage
VIN=6V, VCE=6V, VOUT=0V
®VD´1.2V
At 80% of rising
25
10
J
ms
VHYS
Detector Threshold Hysteresis
VIN=6V, VCE=6V, VOUT=0V
®VD´1.2V VD´
0.01
VD
´
0.03
VD
´
0.05
JmV
D-VDET/
DT
Detector Threshold
Temperature Coefficient
-40
°C £ Topt £ 85°C
±100
ppm/
°C
Note: Refer to Test Circuits


Similar Part No. - R1221N25AA

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152A RICOH-R1223N152A Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152A-TR RICOH-R1223N152A-TR Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152C RICOH-R1223N152C Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152C-TR RICOH-R1223N152C-TR Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
More results

Similar Description - R1221N25AA

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT762720 MDTIC-MDT762720 Datasheet
128Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763022 MDTIC-MDT763022 Datasheet
40Kb / 4P
   Step-up DC/DC Converter with Voltage Detector
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
   PFM Step-up DC/DC Converter & Voltage Detector
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com