Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1230D Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1230D
Description  PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1230D Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1230D Datasheet HTML 1Page - RICOH electronics devices division R1230D Datasheet HTML 2Page - RICOH electronics devices division R1230D Datasheet HTML 3Page - RICOH electronics devices division R1230D Datasheet HTML 4Page - RICOH electronics devices division R1230D Datasheet HTML 5Page - RICOH electronics devices division R1230D Datasheet HTML 6Page - RICOH electronics devices division R1230D Datasheet HTML 7Page - RICOH electronics devices division R1230D Datasheet HTML 8Page - RICOH electronics devices division R1230D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PWM/VFM step-down DC/DC converter with Synchronous
Rectifier
R1230D Series
2001. Sep. 8
Rev. 1.12
- 1 -
s
s
s
s OUTLINE
The R1230D Series are PWM step-down DC/DC Converters with synchronous rectifier, low supply current by CMOS
process.
Each of these ICs consists of an oscillator, a PWM control circuit, a reference voltage unit, an error amplifier, a
soft-start circuit, protection circuits, a protection against miss operation under low voltage (UVLO), PWM/VFM
alternative circuit, a chip enable circuit, and a driver transistor. A low ripple, high efficiency step-down DC/DC
converter can be easily composed of this IC with only a few kinds of external components, or an inductor and
capacitors. (As for R1230D001C/D types, divider resistors are also necessary.) In terms of Output Voltage, it is fixed
internally in the R1230DXX1A/B types. While in the R1230D001C/D types, Output Voltage is adjustable with external
divider resistors.
PWM/VFM alternative circuit is active with Mode Pin of the R1230D Series. Thus, when the load current is small,
the operation can be switching into the VFM operation from PWM operation by the logic of MODE pin and the
efficiency at small load current can be improved. As protection circuits, Current Limit circuit which limits peak current
of Lx at each clock cycle, and Latch type protection circuit which works if the term of Over-current condition keeps on
a certain time in PWM mode exist. Latch-type protection circuit works to latch an internal driver with keeping it disable.
To release the condition of protection, after disable this IC with a chip enable circuit, enable it again, or restart this IC
with power-on or make the supply voltage at UVLO detector threshold level or lower than UVLO.
s
s
s
s FEATURES
q Built-in Driver ON Resistance
• • • • • • • • • • • • • P-channel 0.35Ω, N-channel 0.45Ω (at VIN=3V)
q Built-in Soft-start Function (TYP. 1.5ms), and Latch-type Protection Function (Delay Time; TYP. 1.5ms)
q Two choices of Oscillator Frequency
• • • • • • 500kHz, 800kHz
q PWM/VFM alternative with MODE pin
• • • • • • PWM operation; MODE pin at “L”,
VFM operation; MODE pin at “H”
q High Efficiency
• • • • • • • • • • • • • • • • • • TYP. 90%
q Output Voltage
• • • • • • • • •Stepwise Setting with a step of 0.1V in the range of 1.2V ∼ 4.0V(XX1A/B Type)
or adjustable in the range of 0.8V to VIN(001C/D Type)
q High Accuracy Output Voltage
• • • • • • • • • •±2.0%(XX1A/B Type)
q Package
• • • • • SON8 (Max height 0.9mm, thin type)
s
s
s
s APPLICATIONS
q Power source for portable equipment.


Similar Part No. - R1230D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
Productwell Precision E...
R12311 PRODUCTWELL-R12311 Datasheet
125Kb / 2P
   ROTARY POTENTIOMETER
R12311AB1 PRODUCTWELL-R12311AB1 Datasheet
117Kb / 2P
   ROTARY POTENTIOMETER
R12311AB1 PRODUCTWELL-R12311AB1_14 Datasheet
123Kb / 2P
   ROTARY POTENTIOMETER
R12312 PRODUCTWELL-R12312 Datasheet
122Kb / 2P
   ROTARY POTENTIOMETER
More results

Similar Description - R1230D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com