Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0192210460 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0192210460
Description  Compression Style Ring Tongue Terminal for 4 AWG Wire, Stud Size 5/16
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192210460 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0192210460 Datasheet HTML 1Page - Molex Electronics Ltd. 0192210460 Datasheet HTML 2Page - Molex Electronics Ltd. 0192210460 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 0192210460

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192210461 MOLEX4-0192210461 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal
More results

Similar Description - 0192210460

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192210231 MOLEX4-0192210231 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal for 4 AWG Wire, Stud Size 5/16", Plated
0192210405 MOLEX4-0192210405 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 4 AWG Wire, Stud Size 5/16", Un-Plated
0192210503 MOLEX4-0192210503 Datasheet
244Kb / 2P
   Compression Style Ring Tongue Terminal for 4/0 AWG Wire, Stud Size 5/16", Plated
0192210246 MOLEX4-0192210246 Datasheet
246Kb / 3P
   Compression Style Ring Tongue Terminal for 3/0 AWG Wire, Stud Size 5/16
0192210237 MOLEX4-0192210237 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal for 1 AWG Wire, Stud Size 5/16", Plated
0192210233 MOLEX4-0192210233 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal for 2 AWG Wire, Stud Size 5/16", Plated
0192210492 MOLEX4-0192210492 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 6 AWG Wire, Stud Size 5/16", Plated
0192210240 MOLEX4-0192210240 Datasheet
246Kb / 3P
   Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 5/16", Plated
0192210398 MOLEX4-0192210398 Datasheet
245Kb / 3P
   Compression Style Ring Tongue Terminal for 2/0 AWG Wire, Stud Size 5/16", UnPlated
0192210411 MOLEX4-0192210411 Datasheet
178Kb / 3P
   Compression Style Ring Tongue Terminal for 8 AWG Wire, Stud Size 5/16", Un-plated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com