Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS-N-346 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # CS-N-346
Description  Nylakrimp??Butt Splice for 10-12 AWG Wire
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

CS-N-346 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  CS-N-346 Datasheet HTML 1Page - Molex Electronics Ltd. CS-N-346 Datasheet HTML 2Page - Molex Electronics Ltd. CS-N-346 Datasheet HTML 3Page - Molex Electronics Ltd. CS-N-346 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192020049
Status:
Active
Description:
Nylakrimp™ Butt Splice for 10-12 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Splices
Series
19202
Crimp Quality Equipment
Yes
Mil-Spec
N/A
MolexKits
Yes
Product Name
Butt, NylaKrimp™
Physical
Barrel Type
Closed - Brazed
Flammability
94V-2
Insulation
Nylon (PA)
Packaging Type
Bag
Temperature Range - Operating
-55°C to +105°C
Wire Insulation Diameter
5.72mm (.225") max
Wire Size AWG
10, 12
Wire Size mm²
3.30 - 5.00
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
CS-N-346
Reference - Drawing Numbers
Sales Drawing
60002-11C, 6000211C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19202Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640010300
Hand Crimp Tool
0640015000
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050300
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640055000
This document was generated on 06/07/2010


Similar Part No. - CS-N-346

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
CS-N-346T MOLEX4-CS-N-346T Datasheet
109Kb / 3P
   BUTT SPLICE NYLAKRIMP TAPED (CS-N-346T)
More results

Similar Description - CS-N-346

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192020054 MOLEX4-0192020054 Datasheet
61Kb / 2P
   NylaKrimp??Butt Splice for 8 AWG Wire
0192020055 MOLEX4-0192020055 Datasheet
68Kb / 2P
   NylaKrimp??Butt Splice for 6 AWG Wire
0192020056 MOLEX4-0192020056 Datasheet
68Kb / 2P
   NylaKrimp??Butt Splice for 4 AWG Wire
0192020013 MOLEX4-0192020013 Datasheet
105Kb / 3P
   Nylakrimp??Butt Splice for 18-22 AWG Wire
0192020031 MOLEX4-0192020031 Datasheet
106Kb / 3P
   Nylakrimp??Butt Splice for 14-16 AWG Wire
0192070005 MOLEX4-0192070005 Datasheet
71Kb / 3P
   NylaKrimp??Parallel Splice for 10-12 AWG Wire
0191540037 MOLEX4-0191540037 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
0191990011 MOLEX4-0191990011 Datasheet
115Kb / 2P
   Butt - Window Splice for 10-12 AWG Wire
0191890015 MOLEX4-0191890015 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 10-12 AWG Wire
0191540028 MOLEX4-0191540028 Datasheet
90Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com