Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1210N221A-TR Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1210N221A-TR
Description  PWM Step-up DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1210N221A-TR Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1210N221A-TR Datasheet HTML 7Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 8Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 9Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 10Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 11Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 12Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 13Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 14Page - RICOH electronics devices division R1210N221A-TR Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
R1210N××1×
10
R1210N501C
R1210N501D
120
140
100
80
60
40
20
0
Output Current IOUT (mA)
050
VIN:1.5(V)
VIN:2.0(V)
VIN:0.9(V)
150
250
200
300
100
ESR:0.33
120
140
100
80
60
40
20
0
Output Current IOUT (mA)
050
VIN:1.5(V)
VIN:2.0(V)
VIN:0.9(V)
150
250
200
300
100
ESR:0.33
5)
Start-up Voltage/Hold-on Voltage vs. Output Current (Topt=25°C)
R1210N301C
R1210N301D
1.6
2.0
1.2
0.8
0.4
0.0
Output Current IOUT (mA)
05
Vhold
Vstart
15
25
20
30
10
1.6
2.0
1.2
0.8
0.4
0.0
Output Current IOUT (mA)
05
Vhold
Vstart
15
25
20
30
10
R1210N501C
R1210N501D
1.6
2.0
1.2
0.8
0.4
0.0
Output Current IOUT (mA)
05
Vhold
Vstart
15
25
20
30
10
1.6
2.0
1.2
0.8
0.4
0.0
Output Current IOUT (mA)
05
Vhold
Vstart
15
25
20
30
10


Similar Part No. - R1210N221A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N221A RICOH-R1210N221A Datasheet
28Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS R1210N SERIES MARK SPECIFICATION
More results

Similar Description - R1210N221A-TR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
   28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
Unisonic Technologies
UC3551 UTC-UC3551 Datasheet
160Kb / 6P
   ADVANCED PWM STEP-UP DC-DC CONVERTER
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com